Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1301 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC1301
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC1301 Datasheet HTML 2Page - Texas Instruments AMC1301 Datasheet HTML 3Page - Texas Instruments AMC1301 Datasheet HTML 4Page - Texas Instruments AMC1301 Datasheet HTML 5Page - Texas Instruments AMC1301 Datasheet HTML 6Page - Texas Instruments AMC1301 Datasheet HTML 7Page - Texas Instruments AMC1301 Datasheet HTML 8Page - Texas Instruments AMC1301 Datasheet HTML 9Page - Texas Instruments AMC1301 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
DWV (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
110.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
51.7
°C/W
RθJB
Junction-to-board thermal resistance
66.4
°C/W
ΨJT
Junction-to-top characterization parameter
16.0
°C/W
ΨJB
Junction-to-board characterization parameter
64.5
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
VDD1 = VDD2 = 5.5 V
99
mW
PD1
Maximum power dissipation (high-side)
VDD1 = 3.6 V
31
mW
VDD1 = 5.5 V
54
PD2
Maximum power dissipation (low-side)
VDD2 = 3.6 V
26
mW
VDD2 = 5.5 V
45
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com