Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1301 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC1301
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1301 Datasheet HTML 5Page - Texas Instruments AMC1301 Datasheet HTML 6Page - Texas Instruments AMC1301 Datasheet HTML 7Page - Texas Instruments AMC1301 Datasheet HTML 8Page - Texas Instruments AMC1301 Datasheet HTML 9Page - Texas Instruments AMC1301 Datasheet HTML 10Page - Texas Instruments AMC1301 Datasheet HTML 11Page - Texas Instruments AMC1301 Datasheet HTML 12Page - Texas Instruments AMC1301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C (for AMC1301S: TA = –55°C to +125°C), VDD1 =
3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, INP = –250 mV to +250 mV, and INN = GND1; typical specifications are at TA = 25°C,
VDD1 = 5 V, and VDD2 = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VCMov
Common-mode overvoltage
detection level
(VINP + VINN) / 2 to GND1
VDD1 – 2
V
Hysteresis of common-mode
overvoltage detection level
60
mV
VOS
Input offset voltage(1)
Initial, at TA = 25°C, INP = INN = GND1
–0.2
±0.05
0.2
mV
TCVOS
Input offset drift(1) (4)
AMC1301
–3
±1
3
µV/°C
AMC1301S
–4
±1
4
CMRR
Common-mode rejection ratio
fIN = 0 Hz, VCM min ≤ VCM ≤ VCM max
–93
dB
fIN = 10 kHz, VCM min ≤ VCM ≤ VCM max
–93
RIN
Single-ended input resistance
INN = GND1
18
kΩ
RIND
Differential input resistance
22
kΩ
IIB
Input bias current
INP = INN = GND1; IIB = (IIBP + IIBN) / 2
–41
–30
–24
µA
TCIIB
Input bias current drift
1
nA/°C
CIND
Differential input capacitance
1
pF
ANALOG OUTPUT
Nominal gain
8.2
V/V
EG
Gain error(1)
at TA = 25°C
–0.3%
±0.05%
0.3%
TCEG
Gain drift(1) (5)
AMC1301
–50
±15
50
ppm/°C
AMC1301S
–60
±15
60
Nonlinearity(1)
–0.03%
±0.01%
0.03%
Nonlinearity drift
±1
ppm/°C
THD
Total harmonic distortion(3)
fIN = 10 kHz
–87
dB
Output noise
INP = INN = GND1, fIN = 0 Hz,
BW = 100 kHz brickwall filter
220
µVRMS
SNR
Signal-to-noise ratio
fIN = 1 kHz, BW = 10 kHz
80
84
dB
fIN = 10 kHz, BW = 100 kHz
71
PSRR
Power-supply rejection ratio(2)
PSRR vs VDD1, at DC
–94
dB
PSRR vs VDD1,
100-mV and 10-kHz ripple
–90
PSRR vs VDD2, at DC
–100
PSRR vs VDD2,
100-mV and 10-kHz ripple
–94
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
|VIN| = |VINP – VINN| > |VClipping|
–2.52
±2.49
2.52
V
VFailsafe
Failsafe differential output voltage
VCM ≥ VCMov, or VDD1 missing
–2.563
–2.545
V
BW
Output bandwidth
190
210
kHz
ROUT
Output resistance
On OUTP or OUTN
< 0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or sinking,
INN = INP = GND1, outputs shorted to
either GND2 or VDD2
13
mA
CMTI
Common-mode transient immunity
|GND1 – GND2| = 1 kV
15
kV/µs
www.ti.com
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com