Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ7693003DBT
Description  BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 18Page - Texas Instruments BQ7693003DBT Datasheet HTML 19Page - Texas Instruments BQ7693003DBT Datasheet HTML 20Page - Texas Instruments BQ7693003DBT Datasheet HTML 21Page - Texas Instruments BQ7693003DBT Datasheet HTML 22Page - Texas Instruments BQ7693003DBT Datasheet HTML 23Page - Texas Instruments BQ7693003DBT Datasheet HTML 24Page - Texas Instruments BQ7693003DBT Datasheet HTML 25Page - Texas Instruments BQ7693003DBT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Overcurrent in Discharge (OCD) and Short Circuit in Discharge (SCD) are implemented using sampled analog
comparators that run at 32 kHz, and that continuously monitor the voltage across (SRP–SRN) while the device is
in NORMAL mode. Upon detection of a voltage that exceeds the programmed OCD or SCD threshold, a counter
begins to count up to a programmed delay setting. If the counter reaches its target value, the SYS_STAT register
is updated to indicate the fault condition, the FET state(s) are updated as shown in Table 8-1, and the ALERT pin
is driven high to interrupt the host.
The protection fault threshold and delay settings for OCD and SCD protections are configured through the
PROTECT1 and PROTECT2 registers. See Section 8.5 for details about supported values.
Overvoltage (OV) and undervoltage (UV) protections are handled digitally, by comparing the cell voltage
readings against the 8-bit programmed thresholds in the OV and UV registers.
The OV threshold is stored in the OV_TRIP register and is a direct mapping of 8 bits of the 14-bit ADC reading,
with the upper 2 MSB preset to “10” and the lower 4 LSB preset to “1000”. In other words, the corresponding OV
trip level is mapped to “10-XXXX-XXXX–1000”. The programmable range of OV thresholds is approximately 3.15
to 4.7 V, but this is subject to variation due to the (GAIN, OFFSET) linear equation used to map the ADC values.
The UV threshold is stored in the UV_TRIP register and is a direct mapping of 8 bits of the 14-bit ADC reading,
with the upper 2 MSB preset to “01” and lower 4 LSB preset to “0000”. In other words, the corresponding UV trip
level is mapped to “01-XXXX-XXXX–0000”. The programmable range of UV thresholds is approximately 1.58 to
3.1 V, but this is subject to variation due to the (GAIN, OFFSET) linear equation used to map the ADC values.
Protection
Upper 2 MSB
Middle 8 Bits
Lower 4 LSB
OV
10
Set in OV_TRIP Register
1000
UV
01
Set in UV_TRIP Register
0000
Note
To support flexible cell configurations within BQ76920, BQ76930, and BQ76940, UV is ignored on any
cells that have a reading under UVMINQUAL. This allows cell pins to be shorted in implementations
where not all cells are needed (for example, 6-series cells using the BQ76930).
Default protection thresholds and delays are shown in the register description at the end of this data sheet.
These are loaded into the digital register (RAM) of the device when the device enters NORMAL mode. These
RAM values may then be overwritten by the host controller to any other values, which they will retain until a
POR event. It is recommended that the host controller reload these values during its standard power-up and/or
reinitialization sequence.
To calculate the correct OV_TRIP and UV_TRIP register values for a device, use the following procedure:
1. Determine desired OV.
2. Read out [ADCGAIN] and [ADCOFFSET] from their corresponding registers. Note that ADCGAIN is stored in
units of µV/LSB, while ADCOFFSET is stored in mV.
3. Calculate the full 14-bit ADC value needed to meet the desired OV and UV trip thresholds as follows:
a. OV_TRIP_FULL = (OV – ADCOFFSET) ÷ ADCGAIN
b. UV_TRIP_FULL = (UV – ADCOFFSET) ÷ ADCGAIN
4. Remove the upper 2 MSB and lower 4 LSB from the full 14-bit value, retaining only the remaining middle 8
bits. This can be done by shifting the OV_TRIP_FULL and UV_TRIP_FULL binary values 4 bits to the right
and removing the upper 2 MSB.
5. Write OV_TRIP and UV_TRIP to their corresponding registers.
Both OV and UV protections require the ADC to be enabled. Ensure that the [ADC_EN] bit is set to 1 if OV and
UV protections are needed.
BQ76920, BQ76930, BQ76940
SLUSBK2I – OCTOBER 2013 – REVISED MARCH 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ76920 BQ76930 BQ76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com