Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ7693003DBT
Description  BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 3Page - Texas Instruments BQ7693003DBT Datasheet HTML 4Page - Texas Instruments BQ7693003DBT Datasheet HTML 5Page - Texas Instruments BQ7693003DBT Datasheet HTML 6Page - Texas Instruments BQ7693003DBT Datasheet HTML 7Page - Texas Instruments BQ7693003DBT Datasheet HTML 8Page - Texas Instruments BQ7693003DBT Datasheet HTML 9Page - Texas Instruments BQ7693003DBT Datasheet HTML 10Page - Texas Instruments BQ7693003DBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
BQ76940 Pin Functions (continued)
PIN
NAME
TYPE
DESCRIPTION
14
CAP2
O
Capacitor to VC5X
15
VC10X
P
Thermistor #3 negative terminal
16
NC
—
No connect (short to CAP3)
17
NC
—
No connect (short to CAP3)
18
TS3
I
Thermistor #3 positive terminal(1)
19
CAP3
O
Capacitor to VC10X
20
BAT
P
Battery (top-most) terminal
21
NC
—
No connect
22
NC
—
No connect
23
NC
—
No connect
24
VC15
I
Sense voltage for 15th cell positive terminal
25
VC14
I
Sense voltage for 14th cell positive terminal
26
VC13
I
Sense voltage for 13th cell positive terminal
27
VC12
I
Sense voltage for 12th cell positive terminal
28
VC11
I
Sense voltage for 11th cell positive terminal
29
VC10B
I
Sense voltage for 11th cell negative terminal
30
VC10
I
Sense voltage for 10th cell positive terminal
31
VC9
I
Sense voltage for 9th cell positive terminal
32
VC8
I
Sense voltage for 8th cell positive terminal
33
VC7
I
Sense voltage for 7th cell positive terminal
34
VC6
I
Sense voltage for 6th cell positive terminal
35
VC5B
I
Sense voltage for 6th cell negative terminal
36
VC5
I
Sense voltage for 5th cell positive terminal
37
VC4
I
Sense voltage for 4th cell positive terminal
38
VC3
I
Sense voltage for 3rd cell positive terminal
39
VC2
I
Sense voltage for 2nd cell positive terminal
40
VC1
I
Sense voltage for 1st cell positive terminal
41
VC0
I
Sense voltage for 1st cell negative terminal
42
SRP
I
Negative current sense (nearest VSS)
43
SRN
I
Positive current sense
44
ALERT
I/O
Alert output and override input
(1)
If not used, pull down to group ground reference (VSS for TS1, VC5X for TS2, and VC10X for TS3) with a 10-kΩ nominal resistor.
www.ti.com
BQ76920, BQ76930, BQ76940
SLUSBK2I – OCTOBER 2013 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BQ76920 BQ76930 BQ76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com