Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 30 Page - Texas Instruments

Part # BQ7693003DBT
Description  BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 30 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 26Page - Texas Instruments BQ7693003DBT Datasheet HTML 27Page - Texas Instruments BQ7693003DBT Datasheet HTML 28Page - Texas Instruments BQ7693003DBT Datasheet HTML 29Page - Texas Instruments BQ7693003DBT Datasheet HTML 30Page - Texas Instruments BQ7693003DBT Datasheet HTML 31Page - Texas Instruments BQ7693003DBT Datasheet HTML 32Page - Texas Instruments BQ7693003DBT Datasheet HTML 33Page - Texas Instruments BQ7693003DBT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Name
Addr
D7
D6
D5
D4
D3
D2
D1
D0
TS2_LO(1)
0x2F
<7:0>
TS3_HI(2)
0x30
RSVD
RSVD
<13:8>
TS3_LO(2)
0x31
<7:0>
CC_HI
0x32
<15:8>
CC_LO
0x33
<7:0>
ADCGAIN1
0x50
RSVD
ADCGAIN<4:3>
RSVD
ADCOFFSET
0x51
ADCOFFSET<7:0>
ADCGAIN2
0x59
ADCGAIN<2:0>
RSVD
(1)
These registers are only valid for BQ76930 and BQ76940.
(2)
These registers are only valid for BQ76940.
8.5.1 Register Details
Table 8-3. SYS_STAT (0x00)
BIT
7
6
5
4
3
2
1
0
NAME
CC_READY
RSVD
DEVICE_
XREADY
OVRD_
ALERT
UV
OV
SCD
OCD
RESET
0
0
0
0
0
0
0
0
ACCESS
RW
RW
RW
RW
RW
RW
RW
RW
Note
Bits in SYS_STAT may be cleared by writing a "1" to the corresponding bit.
Writing a "0" does not change the state of the corresponding bit.
CC_READY (Bit 7): Indicates that a fresh coulomb counter reading is available. Note that if this bit is not cleared between two adjacent CC
readings becoming available, the bit remains latched to 1. This bit may only be cleared (and not set) by the host.
0 = Fresh CC reading not yet available or bit is cleared by host microcontroller.
1 = Fresh CC reading is available. Remains latched high until cleared by host.
RSVD (Bit 6): Reserved. Do not use.
DEVICE_XREADY (Bit 5): Internal chip fault indicator. When this bit is set to 1, it should be cleared by the host. May be set due to
excessive system transients. This bit may only be cleared (and not set) by the host.
0 = Device is OK.
1 =
Internal chip fault detected, recommend that host microcontroller clear this bit after waiting a few seconds. Remains latched
high until cleared by the host.
OVRD_ALERT (Bit 4): External pull-up on the ALERT pin indicator. Only active when ALERT pin is not already being driven high by the
AFE itself.
0 = No external override detected
1 = External override detected. Remains latched high until cleared by the host.
UV (Bit 3): Undervoltage fault event indicator.
0 = No UV fault is detected.
1 = UV fault is detected. Remains latched high until cleared by the host.
OV (Bit 2): Overvoltage fault event indicator.
0 = No OV fault is detected.
1 = OV fault is detected. Remains latched high until cleared by the host.
SCD (Bit 1): Short circuit in discharge fault event indicator.
0 = No SCD fault is detected.
1 = SCD fault is detected. Remains latched high until cleared by the host.
OCD (Bit 0): Over current in discharge fault event indicator.
BQ76920, BQ76930, BQ76940
SLUSBK2I – OCTOBER 2013 – REVISED MARCH 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ76920 BQ76930 BQ76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com