Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ7693003DBT
Description  BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 9Page - Texas Instruments BQ7693003DBT Datasheet HTML 10Page - Texas Instruments BQ7693003DBT Datasheet HTML 11Page - Texas Instruments BQ7693003DBT Datasheet HTML 12Page - Texas Instruments BQ7693003DBT Datasheet HTML 13Page - Texas Instruments BQ7693003DBT Datasheet HTML 14Page - Texas Instruments BQ7693003DBT Datasheet HTML 15Page - Texas Instruments BQ7693003DBT Datasheet HTML 16Page - Texas Instruments BQ7693003DBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
7.5 Electrical Characteristics (continued)
Typical conditions are measured at 25°C with nominal BAT voltages of 18 V (BQ76920), 36 V (BQ76930), or 48 V (BQ76940)
with VCELL = 4 V. Min and max values include full recommended operating condition temperature range from –40°C to +85°C.
Certain characteristics may be shown at different voltage or temperature ranges, as clarified in the Test Condition sections.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RCHG_OFF
CHG pull-down OFF
resistance to VSS
When CHG disabled, CHG held at 12 V
750
1000
1250
kΩ
RDSG_OFF
DSG pull-down OFF
resistance to VSS
When DSG disabled, DSG held at 12 V
1.75
2.50
4.25
kΩ
VLOAD_DETECT
Load detection threshold
0.4
0.7
1.0
V
VCHG_CLAMP
CHG clamp voltage
If the CHG pin externally pulled high
(through PACK–, if load applied), 500-
µA max sink current into CHG pin. With
CHG_ON bit cleared.
18
20
22
V
ALERT PIN
VALERT_OH
ALERT output voltage high IOL = 1 mA
REGOUT x
0.75
V
VALERT_OL
ALERT output voltage low
Unloaded
REGOUT
x 0.25
V
VALERT_IH
ALERT input high
ALERT externally forced high when
internally driven low. See note (1).
1
1.5
V
RALERT_PD
ALERT pin weak pulldown
resistance when driven low
Measured into ALERT pin with ALERT =
REGOUT
0.8
2.5
8
MΩ
CELL BALANCING DRIVER
RDSFET
Internal cell balancing
driver resistance
VCELL = 3.6 V
1
5
10
Ω
XBAL
Cell balancing duty cycle
when enabled
Every 250 ms
70%
EXTERNAL REGULATOR
VEXTLDO
External LDO voltage
options
Nominal values, TI factory programmed,
unloaded, across temp
2.45
2.50
2.55
V
3.20
3.30
3.40
V
VEXTLDO_LN
Line regulation
REGSRC pin stepped from 6 to 25 V,
with 10-mA load, in 100 µs
100
mV
VEXTLDO_LD
Load regulation
IREGOUT = 0 mA to 10 mA
–4%
4%
VEXTLDO_DC
External LDO minimum
voltage under DC load
REGOUT = 10-mA DC, 2.5-V version
2.4
V
REGOUT = 20-mA DC, 2.5-V version
2.3
V
REGOUT = 10-mA DC, 3.3-V version
3.15
V
REGOUT = 20-mA DC, 3.3-V version
3.05
V
IEXTLDO_LIMIT
External LDO current limit
REGOUT = 0 V
30
38
45
mA
BOOT DETECTOR
VBOOT
Boot threshold voltage
Measured at TS1 pin with device in SHIP
mode. Below MIN, the device does not
boot up. Above MAX, the device boots
up.
300
1000
mV
tBOOT_max
Boot threshold application
time
Measured at TS1 pin. Below MIN, the
device does not boot up. Above MAX,
the device boots up.
10
2000
µs
(1)
MIN specifies the threshold below which the device will never register that an external alert has occurred. MAX specifies the minimum
threshold above which the device will always register that an external alert has occurred.
(2)
Values indicate nominal thresholds only. For min and max variation, apply OCOFFSET and OCSCALERR.
(3)
Values indicate nominal thresholds only. For min and max variation, apply tPROTACC.
(4)
Measured at each VBAT
www.ti.com
BQ76920, BQ76930, BQ76940
SLUSBK2I – OCTOBER 2013 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BQ76920 BQ76930 BQ76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com