Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ7693003DBT
Description  BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 35Page - Texas Instruments BQ7693003DBT Datasheet HTML 36Page - Texas Instruments BQ7693003DBT Datasheet HTML 37Page - Texas Instruments BQ7693003DBT Datasheet HTML 38Page - Texas Instruments BQ7693003DBT Datasheet HTML 39Page - Texas Instruments BQ7693003DBT Datasheet HTML 40Page - Texas Instruments BQ7693003DBT Datasheet HTML 41Page - Texas Instruments BQ7693003DBT Datasheet HTML 42Page - Texas Instruments BQ7693003DBT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
temperature measurement is not used. When thermistors are removable, they should be substituted with a test
resistance at board test to prevent XREADY faults during test. The TSn pins should not be pulled below their
reference power pin or the device may not start properly or the ADC may not operate properly.
A capacitor across the thermistor is not required but may filter noise picked up by thermistor leads. The
thermistor is biased 37.5 ms before measurement begins, so a 4.7-nF capacitor, such as is used on the
evaluation module or smaller, allows many time constants for settling before measurement.
Note
The capacitor across the thermistor does not filter noise that may be picked up by the thermistor leads
between different thermistors on the BQ76930 or BQ76940 devices.
TS1 is also used to boot the part. A rising edge is required for boot. A high level maintained on TS1 does not
prevent shutdown or waking the part. A voltage level maintained on the TS1 pin after boot affects the voltage
on the thermistor and the temperature determined by the MCU if external temperature sensing is used in normal
operation.
9.1.7 Unused Pins
Pins should be connected to the appropriate circuits, as shown in the simplified diagrams in Typical Applications
and as described in the Pin Configuration and Functions section. See Pin Usage for additional comments.
Table 9-1. Pin Usage
PIN NAME
RECOMMENDATION
DSG, CHG
DSG and CHG are outputs and may be left unconnected if not used.
VSS
Must be used
SDA, SCL
Must be used
TSn
Must have a thermistor or pull down resistor to the group reference.
TS1 must have a rising edge to boot the part.
CAPn
A capacitor must be installed.
REGOUT
REGOUT also supplies internal circuits. A capacitor must be
installed even if REGOUT is not used for external circuitry.
REGSRC
Must be supplied
BAT
Primary power pin for the part, must be connected to the top cell
through the power filter
VC5x, VC10x
Must connect to the appropriate cell through the power filter
NC
Some pins named NC must be connected to the appropriate CAPn
pin. See Pin Configuration and Functions .
VCn
Cell voltage sense input pins. Must be connected through the
input filter to the cells. When not all cells are needed, connect as
described in Configuring Alternative Cell Counts.
SRP, SRN
Current sense inputs. When not used, connect to VSS.
ALERT
When not used, a pulldown is recommended. See Alert Pin.
9.1.8 Configuring Alternative Cell Counts
Each BQ769x0 family of IC's support a variety of cell counts. The following tables provide guidance on which
device and which input pins to use, depending on the number of cells in the pack.
Table 9-2. Cell Connections for BQ76920
Cell Input
3 Cells
4 Cells
5 Cells
VC5–VC4
CELL 3
CELL 4
CELL 5
VC4–VC3
short
short
CELL 4
VC3–VC2
short
CELL 3
CELL 3
VC2–VC1
CELL 2
CELL 2
CELL 2
www.ti.com
BQ76920, BQ76930, BQ76940
SLUSBK2I – OCTOBER 2013 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: BQ76920 BQ76930 BQ76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com