Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6137IRGCT.B Datasheet(PDF) 13 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC430F6137IRGCT.B Datasheet HTML 9Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 10Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 11Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 12Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 13Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 14Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 15Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 16Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
13
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
www.ti.com
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2009–2018, Texas Instruments Incorporated
Table 4-1. CC430F613x and CC430F612x Terminal Functions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
PJ.1/ TDI/ TCLK
47
I/O
General-purpose digital I/O
Test data input or test clock input
PJ.2/ TMS
48
I/O
General-purpose digital I/O
Test mode select
PJ.3/ TCK
49
I/O
General-purpose digital I/O
Test clock
TEST/ SBWTCK
50
I
Test mode pin – select digital I/O on JTAG pins
Spy-Bi-Wire input clock
RST/NMI/ SBWTDIO
51
I/O
Reset input active low
Nonmaskable interrupt input
Spy-Bi-Wire data input/output
DVCC
52
Digital power supply
AVSS
53
Analog ground supply for ADC12
P5.1/ XOUT
54
I/O
General-purpose digital I/O
Output terminal of crystal oscillator XT1
P5.0/ XIN
55
I/O
General-purpose digital I/O
Input terminal for crystal oscillator XT1
AVCC
56
Analog power supply
P2.7/ PM_ADC12CLK/
PM_DMAE0/ CB7 (/A7)
57
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: ADC12CLK output
Default mapping: DMA external trigger input
Comparator_B input CB7
Analog input A7 – 12-bit ADC (CC430F613x only)
P2.6/ PM_ACLK/ CB6 (/A6)
58
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: ACLK output
Comparator_B input CB6
Analog input A6 – 12-bit ADC (CC430F613x only)
P2.5/ PM_SVMOUT/ CB5
(/A5/ VREF+/ VeREF+)
59
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: SVM output
Comparator_B input CB5
Analog input A5 – 12-bit ADC (CC430F613x only)
Output of reference voltage to the ADC (CC430F613x only)
Input for an external reference voltage to the ADC (CC430F613x only)
P2.4/ PM_RTCCLK/ CB4
(/A4/ VREF-/ VeREF-)
60
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: RTCCLK output
Comparator_B input CB4
Analog input A4 – 12-bit ADC (CC430F613x only)
Negative terminal for the ADC reference voltage for both sources, the internal reference
voltage, or an external applied reference voltage (CC430F613x only)
P2.3/ PM_TA1CCR2A/ CB3 (/A3)
61
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: TA1 CCR2 compare output or capture input
Comparator_B input CB3
Analog input A3 – 12-bit ADC (CC430F613x only)
P2.2/ PM_TA1CCR1A/ CB2 (/A2)
62
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: TA1 CCR1 compare output or capture input
Comparator_B input CB2
Analog input A2 – 12-bit ADC (CC430F613x only)
P2.1/ PM_TA1CCR0A/ CB1 (/A1)
63
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: TA1 CCR0 compare output or capture input
Comparator_B input CB1
Analog input A1 – 12-bit ADC (CC430F613x only)
P2.0/ PM_CBOUT1/ PM_TA1CLK/
CB0 (/A0)
64
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: Comparator_B output
Default mapping: TA1 clock input
Comparator_B input CB0
Analog input A0 – 12-bit ADC (CC430F613x only)
VSS, Exposed die attach pad
Ground supply
CAUTION: The exposed die attach pad must be connected to a solid ground plane as
this is the ground connection for the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com