Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6137IRGCT.B Datasheet(PDF) 39 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC430F6137IRGCT.B Datasheet HTML 35Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 36Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 37Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 38Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 39Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 40Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 41Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 42Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
39
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
www.ti.com
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
(1)
The leakage current is specified by the digital I/O input leakage.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results. If the
reference voltage is supplied by an external source or if the internal reference voltage is used and REFOUT = 1, then decoupling
capacitors are required. See Section 5.40 and Section 5.41.
(3)
The internal reference supply current is not included in current consumption parameter IADC12_A.
5.35 12-Bit ADC, Power Supply and Input Range Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage,
full performance
AVCC and DVCC are connected together,
AVSS and DVSS are connected together,
V(AVSS) = V(DVSS) = 0 V
2.2
3.6
V
V(Ax)
Analog input voltage range(2)
All ADC12 analog input pins Ax
0
AVCC
V
IADC12_A
Operating supply current into
AVCC terminal(3)
fADC12CLK = 5.0 MHz, ADC12ON = 1,
REFON = 0, SHT0 = 0, SHT1 = 0,
ADC12DIV = 0
2.2 V
125
155
µA
3 V
150
220
CI
Input capacitance
Only one terminal Ax can be selected at
one time
2.2 V
20
25
pF
RI
Input MUX ON resistance
0 V
≤ VAx ≤ AVCC
10
200
1900
Ω
(1)
REFOUT = 0, external reference voltage: SREF2 = 0, SREF1 = 1, SREF0 = 0. AVCC as reference voltage: SREF2 = 0, SREF1 = 0,
SREF0 = 0. The specified performance of the ADC12 linearity is ensured when using the ADC12OSC. For other clock sources, the
specified performance of the ADC12 linearity is ensured with fADC12CLK maximum of 5.0 MHz.
(2)
SREF2 = 0, SREF1 = 1, SREF0 = 0, ADC12SR = 0, REFOUT = 1
(3)
SREF2 = 0, SREF1 = 1, SREF0 = 0, ADC12SR = 0, REFOUT = 0. The specified performance of the ADC12 linearity is ensured when
using the ADC12OSC divided by 2.
(4)
The ADC12OSC is sourced directly from MODOSC inside the UCS.
(5)
Approximately 10 Tau (τ) are needed to get an error of less than ±0.5 LSB:
tSample = ln(2
n+1) × (R
S + RI) × CI + 800 ns, where n = ADC resolution = 12, RS = external source resistance
5.36 12-Bit ADC, Timing Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fADC12CLK
ADC conversion clock
For specified performance of ADC12 linearity
parameters using an external reference
voltage or AVCC as reference(1)
2.2 V, 3 V
0.45
4.8
5.0
MHz
For specified performance of ADC12 linearity
parameters using the internal reference(2)
0.45
2.4
4.0
For specified performance of ADC12 linearity
parameters using the internal reference(3)
0.45
2.4
2.7
fADC12OSC
Internal ADC12
oscillator(4)
ADC12DIV = 0, fADC12CLK = fADC12OSC
2.2 V, 3 V
4.2
4.8
5.4
MHz
tCONVERT
Conversion time
REFON = 0, Internal oscillator,
fADC12OSC = 4.2 MHz to 5.4 MHz
2.2 V, 3 V
2.4
3.1
µs
External fADC12CLK from ACLK, MCLK or
SMCLK, ADC12SSEL
≠ 0
13 ×
1 / fADC12CLK
tSample
Sampling time
RS = 400 Ω, RI = 1000 Ω, CI = 30 pF,
τ = (RS + RI) × CI
(5)
2.2 V, 3 V
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com