Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6137IRGCT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 1 Page - Texas Instruments

  CC430F6137IRGCT.B Datasheet HTML 1Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 2Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 3Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 4Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 5Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 6Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 7Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 8Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
1
Device Overview
1
1.1
Features
1
• True System-on-Chip (SoC) for Low-Power
Wireless Communication Applications
• Wide Supply Voltage Range:
3.6 V Down to 1.8 V
• Ultra-Low Power Consumption
– CPU Active Mode (AM): 160 µA/MHz
– Standby Mode (LPM3 RTC Mode): 2.0 µA
– Off Mode (LPM4 RAM Retention): 1.0 µA
– Radio in RX: 15 mA, 250 kbps, 915 MHz
• MSP430™ System and Peripherals
– 16-Bit RISC Architecture, Extended Memory, up
to 20-MHz System Clock
– Wake up From Standby Mode in Less
Than 6 µs
– Flexible Power-Management System With SVS
and Brownout
– Unified Clock System With FLL
– 16-Bit Timer TA0, Timer_A With Five
Capture/Compare Registers
– 16-Bit Timer TA1, Timer_A With Three
Capture/Compare Registers
– Hardware Real-Time Clock (RTC)
– Two Universal Serial Communication Interfaces
(USCIs)
– USCI_A0 Supports UART, IrDA, SPI
– USCI_B0 Supports I2C, SPI
– 12-Bit Analog-to-Digital Converter (ADC) With
Internal Reference, Sample-and-Hold, and
Autoscan Features (CC430F613x and
CC430F513x Only)
– Comparator
– Integrated LCD Driver With Contrast Control for
up to 96 Segments (Only CC430F61xx)
– 128-Bit AES Security Encryption and Decryption
Coprocessor
– 32-Bit Hardware Multiplier
– 3-Channel Internal DMA
– Serial Onboard Programming, No External
Programming Voltage Needed
– Embedded Emulation Module (EEM)
• High-Performance Sub-1 GHz RF Transceiver
Core
– Same as in CC1101
– Wide Supply Voltage Range: 2 V to 3.6 V
– Frequency Bands: 300 MHz to 348 MHz,
389 MHz to 464 MHz, and 779 MHz to 928 MHz
– Programmable Data Rate From 0.6 kBaud to
500 kBaud
– High Sensitivity (–117 dBm at 0.6 kBaud,
–111 dBm at 1.2 kBaud, 315 MHz, 1% Packet
Error Rate)
– Excellent Receiver Selectivity and Blocking
Performance
– Programmable Output Power up to +12 dBm for
All Supported Frequencies
– 2-FSK, 2-GFSK, and MSK Supported, Also
OOK and Flexible ASK Shaping
– Flexible Support for Packet-Oriented Systems:
On-Chip Support for Sync Word Detection,
Address Check, Flexible Packet Length, and
Automatic CRC Handling
– Support for Automatic Clear Channel
Assessment (CCA) Before Transmitting (for
Listen-Before-Talk Systems)
– Digital RSSI Output
– Suited for Systems Targeting Compliance With
EN 300 220 (Europe) and
FCC CFR Part 15 (US)
– Suited for Systems Targeting Compliance With
Wireless M-Bus Standard EN 13757
‑4:2005
– Support for Asynchronous and Synchronous
Serial Receive or Transmit Mode for Backward
Compatibility With Existing Radio
Communication Protocols
• Device Comparison Summarizes the Available
Family Members
1.2
Applications
•
Wireless Analog and Digital Sensor Systems
•
Heat Cost Allocators
•
Thermostats
•
AMR or AMI Metering
•
Smart Grid Wireless Networks


Similar Part No. - CC430F6137IRGCT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6137IRGCT TI-CC430F6137IRGCT Datasheet
1Mb / 118P
MSP430 SoC with RF Core
CC430F6137IRGCT TI1-CC430F6137IRGCT Datasheet
1Mb / 120P
MSP430 SoC with RF Core
More results

Similar Description - CC430F6137IRGCT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
MSP430 SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
MSP430??SoC with RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
MSP430 SoC With RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
MSP430??SoC with RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
MSP430??SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com