Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6137IRGCT.B Datasheet(PDF) 49 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC430F6137IRGCT.B Datasheet HTML 45Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 46Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 47Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 48Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 49Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 50Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 51Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 52Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 133 page
background image
49
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
www.ti.com
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 7-1).
(2)
Reduced current setting (MDMCFG2.DEM_DCFILT_OFF = 1) gives a slightly lower current consumption at the cost of a reduction in
sensitivity. See Section 5.55 through Section 5.58 for additional details on current consumption and sensitivity.
5.50 Current Consumption, Transmit Mode
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1) (2)
PARAMETER
FREQUENCY
[MHz}
PATABLE
SETTING
OUTPUT
POWER (dBm)
TYP
UNIT
Current consumption, TX
315
0xC0
maximum
26
mA
0xC4
+10
25
0x51
0
15
0x29
–6
15
433
0xC0
maximum
33
0xC6
+10
29
0x50
0
17
0x2D
–6
17
868
0xC0
maximum
36
0xC3
+10
33
0x8D
0
18
0x2D
–6
18
915
0xC0
maximum
35
0xC3
+10
32
0x8D
0
18
0x2D
–6
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com