Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33C8 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 81Page - STMicroelectronics STM32WL33C8 Datasheet HTML 82Page - STMicroelectronics STM32WL33C8 Datasheet HTML 83Page - STMicroelectronics STM32WL33C8 Datasheet HTML 84Page - STMicroelectronics STM32WL33C8 Datasheet HTML 85Page - STMicroelectronics STM32WL33C8 Datasheet HTML 86Page - STMicroelectronics STM32WL33C8 Datasheet HTML 87Page - STMicroelectronics STM32WL33C8 Datasheet HTML 88Page - STMicroelectronics STM32WL33C8 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
Contents
1
Introduction .......................................................................4
1.1
Glossary ...................................................................... 5
2
Description ........................................................................6
3
Functional overview ...............................................................7
3.1
Architecture ................................................................... 7
3.2
Arm Cortex-M0+ core with MPU .................................................. 8
3.3
Memories ..................................................................... 9
3.3.1
Embedded flash memory .................................................. 9
3.3.2
Embedded SRAM ........................................................ 9
3.3.3
Embedded OTP ......................................................... 9
3.3.4
Memory protection unit (MPU) .............................................. 9
3.4
RF subsystem ................................................................. 9
3.4.1
RF front-end ........................................................... 10
3.4.2
TX and RX event alert.................................................... 10
3.4.3
Low power autonomous wake up receiver (LPAWUR) ........................... 10
3.5
Power supply management ..................................................... 12
3.5.1
SMPS step-down converter................................................ 12
3.5.2
SMPS bypass on-the-fly (BOF) ............................................. 13
3.5.3
Linear voltage regulators.................................................. 14
3.5.4
Power voltage supervisor ................................................. 14
3.6
Operating modes.............................................................. 14
3.6.1
Run mode ............................................................. 14
3.6.2
Deepstop mode......................................................... 15
3.6.3
Shutdown mode ........................................................ 16
3.7
Reset management............................................................ 17
3.8
Clock management ............................................................ 18
3.8.1
System clock details ..................................................... 20
3.9
Boot mode ................................................................... 20
3.10
General purpose inputs/outputs (GPIO) ........................................... 21
3.11
Direct memory access (DMA) ................................................... 21
3.12
Nested vectored interrupt controller (NVIC) ........................................ 21
3.13
Advanced encryption standard hardware accelerator (AES) .......................... 22
3.14
True random number generator (RNG) ........................................... 22
3.15
Cyclic redundancy check (CRC) ................................................. 22
3.16
General purpose timers ........................................................ 23
STM32WL33xx
Contents
DS14221 - Rev 5
page 85/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com