Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 41Page - STMicroelectronics L9679PTR Datasheet HTML 42Page - STMicroelectronics L9679PTR Datasheet HTML 43Page - STMicroelectronics L9679PTR Datasheet HTML 44Page - STMicroelectronics L9679PTR Datasheet HTML 45Page - STMicroelectronics L9679PTR Datasheet HTML 46Page - STMicroelectronics L9679PTR Datasheet HTML 47Page - STMicroelectronics L9679PTR Datasheet HTML 48Page - STMicroelectronics L9679PTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 279 page
background image
DS11627 Rev 7
45/279
L9679P
Start-up and power control
278
Figure 19. ER switch state diagram
6.7
SYNCBOOST boost regulator
The SYNCBOOST boost regulator also operates at 1.882 MHz allowing the user to select
smaller less expensive external components. The regulator provides a 12 V/14.75 V
nominal for the sync pulse feature used in PSI-5 bussed satellite sensor configuration. The
regulator also provides the power for the SATBUCK regulator.
The SyncBoost switching regulator uses a classical peak current mode control loop to
properly regulate the output voltage and includes an over-voltage protection that
immediately switches off the PowerMOS to protect the device. The regulator includes also a
soft start circuit which applies a ramp on the over current threshold from the 40% of
IOC_SYNCBST value to the maximum one with 16 steps and within TSOFTST_OC_SYNCBST. The
soft start is restarted every time the regulator is enabled, namely there is a transition from
the SYNCBOOST_OFF state to the SYNCBOOST_ON state.
In normal operation, the SYNCBOOST regulator operates directly from battery providing a
voltage level to operate the sync pulse driver circuit. Should the input voltage be greater
than regulation point, the output voltage will track the input voltage less any drops in the
external components.
The boost regulator is enabled automatically by the power control state machine, but can be
disabled on purpose via SPI command through the SYS_CTL(SYNCBST_EN) bit. The
regulation point is fixed at a nominal 12 V at startup. User may increase the output
regulation voltage to 14.75 V nominal by setting the SATV bit via a dedicated SPI command,
should an extended voltage range be needed.
Boost converter diagnostics include over voltage and under voltage, reported by the
S_BST_NOK bit in the POWER_STATE register, and the circuit is fully protected against
shorts. The integrated FET featuring the boost switch is protected against short to battery by
means of a thermal shutdown circuit. When thermal fault is detected the FET is switched off
and latched in this state until the related fault flag ERBST_OT in the FLTSR register is read.
ER Switch
ER_switch_ON
POR
ER_switch_OFF_OT
T1 Timeout
ER_switch_STBY
Start T1 1 ms
ER_SWITCH_TSD = 0
(ER_SWITCH_TSD = 1
AND
“deployment not in progress”)
(ER_SWITCH_TSD = 1
AND
“deployment not in
progress”)
ER_SWITCH_TSD = 1
“Deployment in progress”
ER_SW_OV = 1 when VIN - VER > Ver_sw_ov_th
ER_SW_OV = 0
AND
Passive_mode = 1
ER_SW_OV = 1
OR
Passive_mode = 0
ER_switch_OFF
GAPGPS02265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com