Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 69Page - STMicroelectronics L9679PTR Datasheet HTML 70Page - STMicroelectronics L9679PTR Datasheet HTML 71Page - STMicroelectronics L9679PTR Datasheet HTML 72Page - STMicroelectronics L9679PTR Datasheet HTML 73Page - STMicroelectronics L9679PTR Datasheet HTML 74Page - STMicroelectronics L9679PTR Datasheet HTML 75Page - STMicroelectronics L9679PTR Datasheet HTML 76Page - STMicroelectronics L9679PTR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 279 page
background image
DS11627 Rev 7
73/279
L9679P
SPI interfaces
278
VBATMON_TH_SEL
00
00
00 VBATMON comparators threshold selector
00 VBGOOD= VBgood0
01 VBGOOD= VBgood1
10 VBGOOD= VBgood2
11 VBGOOD= VBgood0
ER_BST_V
0
0
0 ER Boost voltage select
Updated by SSM_RESET or SPI write
0 set 23 V boost
1 set 33 V boost
ER_CUR_EN
00
00
00 ER charge / discharge control
00 Current sources off
01 ER charge enabled
10 ER discharge enabled
11 Current sources off
ER_BST_EN
1
1
1 Boost enable
Updated by SSM_RESET or SPI write
0 ER_BOOST OFF request
1 ER_BOOST ON request
SYNCBST_EN
1
1
1 Syncboost enable
Updated by SSM_RESET or SPI write
0 SYNC_BOOST OFF request
1 SYNC_BOOST ON request
SPI_OFF
0
0
0 Go to POWER OFF state from POWERMODE SHUTDOWN state
Updated by SSM_RESET or SPI write while in POWERMODE SHUTDOWN
state
0 no effect
1 transition to POWER OFF state
ERSWITCH_LIM_SEL
0
-
- ERswitch current limitation select
Updated by POR or SPI write
0 Low current limit
1 High current limit is no more available
SYBST_V
0
0
0 Sync Boost voltage select
Updated by SSM_RESET or SPI write
0 Low - syncboost = 12 V
1 High - syncboost = 14.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com