Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 18Page - STMicroelectronics L9679PTR Datasheet HTML 19Page - STMicroelectronics L9679PTR Datasheet HTML 20Page - STMicroelectronics L9679PTR Datasheet HTML 21Page - STMicroelectronics L9679PTR Datasheet HTML 22Page - STMicroelectronics L9679PTR Datasheet HTML 23Page - STMicroelectronics L9679PTR Datasheet HTML 24Page - STMicroelectronics L9679PTR Datasheet HTML 25Page - STMicroelectronics L9679PTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 279 page
background image
Pin out
L9679P
22/279
DS11627 Rev 7
4
Pin out
The L9679P pin out is shown below. The IC is housed in a 100 pin package (14 x 14 x
1.0mm) with a 7.6 x 7.6 mm exposed pad down.
Figure 1. Pin connection diagram (top view)
The exposed pad is electrically shorted to the substrate pins GNDSUB1 and GNDSUB2.
These three connection nodes are to be kept shorted on the application.
1
2
3
5
6
4
7
8
9
10
45
11
46
47
48
49
50
86
85
84
83
81
82
80
79
78
77
76
70
69
68
66
65
67
75
74
73
71
72
40
41
42
43
44
97
96
95
94
92
93
91
90
89
88
87
100 99
98
34
35
36
37
38
39
29
30
31
32
33
26
27
28
12
13
14
16
17
15
18
19
20
21
22
59
58
57
55
54
56
64
63
62
60
61
23
24
25
52
51
53
CS_RS
SCLK_RS
MOSI_RS
MISO_RS
RESET
MISO_G
MOSI_G
SCLK_G
CS_G
WDT/TM
SR4
SF4
SS45
SF5
SR5
SR0
SF0
SS01
SF1
SR1
NC
NC
NC
NC
NC
WS0
WS1
ISORX
NC
WD2_LockOut
ISOT
SAF_CS2
SAF_CS1
SAF_CS0
GNDA
SR6
SF6
SS67
SF7
SR7
SR2
SF2
SS23
SF3
SR3
NC
NC
NC
NC
NC
Exposed pad down
(GNDSUB3)
GAPG1901161020PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com