Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 23Page - STMicroelectronics L9679PTR Datasheet HTML 24Page - STMicroelectronics L9679PTR Datasheet HTML 25Page - STMicroelectronics L9679PTR Datasheet HTML 26Page - STMicroelectronics L9679PTR Datasheet HTML 27Page - STMicroelectronics L9679PTR Datasheet HTML 28Page - STMicroelectronics L9679PTR Datasheet HTML 29Page - STMicroelectronics L9679PTR Datasheet HTML 30Page - STMicroelectronics L9679PTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 279 page
background image
DS11627 Rev 7
27/279
L9679P
Start-up and power control
278
6
Start-up and power control
6.1
Power supply overview
The L9679P IC contains a complete power management system able to provide all
necessary voltages for a high feature airbag system or cut-off battery system. A general
block diagram is shown in Figure 3. The power supply block contains the following features:
Two 3.3 V internal regulators for operating internal logic (CVDD) and analog circuits
(VINT3V3). An external CVDD pin is used to provide filtering capacitance to digital
section supply rail.
Energy reserve supply (ERBOOST) achieved through an integrated 1.882 MHz
switching boost regulator. The energy reserve capacitor is charged using an internal
constant current source controllable through SPI. Besides, a second current source is
available to discharge the capacitor. The primary function for the second current source
is to diagnose the integrity of the energy reserve capacitor, value and ESR. During
system shutdown, the device can enable the discharge current source via SPI
command to quickly dissipate the remaining energy stored in the energy reserve
capacitor.
Sync pulse supply (SYNCBOOST) is achieved through an integrated 1.882 MHz
switching boost regulator. The SYNCBOOST regulator ensures a minimum voltage is
available for operating the satellite sync signal and also provides the input voltage to
the remote sensor buck regulator. The sync pulse boost regulator is disabled for battery
voltage levels resulting in an output voltage above the set regulation point.
The integrated current limited ER switch requires no external components. This switch
is controlled through the integrated power control state machine and is enabled either
once a loss of battery is detected or a shutdown command is received. Under the same
conditions also the discrete digital pin COVRACT is activated allowing the control of an
external optional cross-over switch.
Two 1.882MHz synchronous buck regulators for remote sensor supply and VCC. The
SATBUCK regulator, remote sensor buck supply, is sourced from the SYNCBOOST
regulator and can be selected to be either 7.2 V or 9 V nominal. The VCC regulator is
sourced from the SATBUCK regulator and is user selectable through the VCCSEL pin
to either 5 V or 3.3 V nominal voltage.
Battery voltage sense input comparator with hysteresis and wake-up input are the
primary control signals for the power supply control state machine.
Based on mission profile and ECU total current consumption, the user must evaluate if
the activation of fast slope option of each ERBoost, SyncBoost and SatBuck regulator
(bit 8/9/10, $3F SW_REGS_CONF SPI register) is needed to increase the overall
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com