Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 49Page - STMicroelectronics L9679PTR Datasheet HTML 50Page - STMicroelectronics L9679PTR Datasheet HTML 51Page - STMicroelectronics L9679PTR Datasheet HTML 52Page - STMicroelectronics L9679PTR Datasheet HTML 53Page - STMicroelectronics L9679PTR Datasheet HTML 54Page - STMicroelectronics L9679PTR Datasheet HTML 55Page - STMicroelectronics L9679PTR Datasheet HTML 56Page - STMicroelectronics L9679PTR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 279 page
background image
DS11627 Rev 7
53/279
L9679P
SPI interfaces
278
than 32 clocks, the received message is discarded and a SPI_FLT bit is flagged in the
Global Status Word (GSW). The SPI_FLT bit is also set in case of parity error detected on
the MOSI_X frame. Any attempt to access to a register with forbidden access mode (read or
write) is not leading to changes to the internal registers but the SPI_FLT bit is not set in this
case.
7.2
Global SPI register map
The Global SPI interface consists of several 32-bit registers to allow for configuration,
control and status of the IC as well as special manufacturing test modes. The register
definition is defined by the read register ID (RID) and the write register ID (WID) as shown in
Table 6. Global ID bit (GID) is used to extend available register addresses, but it is shared
between RID and WID; only RID and WID with the same GID value can be addressed within
the same SPI word. The operating states here show in which states the SPI command is
processed.
The L9679P checks the validity of the received WID and RID fields in the MOSI_G frame.
Should a SPI write command with WID matching a writable register be received in an illegal
operating state, the command would be discarded and the ERR_WID bit would be flagged
in the next Global Status Word GSW. The ERR_WID flag is not set in case WID is
addressing a read/only register. Should a SPI read command be received containing an
unused RID address, the command would be discarded and the ERR_RID bit would be
flagged in the current GSW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com