Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 100Page - STMicroelectronics L9679PTR Datasheet HTML 101Page - STMicroelectronics L9679PTR Datasheet HTML 102Page - STMicroelectronics L9679PTR Datasheet HTML 103Page - STMicroelectronics L9679PTR Datasheet HTML 104Page - STMicroelectronics L9679PTR Datasheet HTML 105Page - STMicroelectronics L9679PTR Datasheet HTML 106Page - STMicroelectronics L9679PTR Datasheet HTML 107Page - STMicroelectronics L9679PTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 279 page
background image
SPI interfaces
L9679P
104/279
DS11627 Rev 7
7.4.30
Loops diagnostic configuration command register for high level
diagnostic (LPDIAGREQ)
ID:
38
Type:
R/W
Read:
3800
Write:
0070
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
MISO
0
0
0
0
0
0
0
0
0
0
0
DIAG_LEVEL 0
0
0 Diagnostic mode selector
0 0 N/A - see description above
1 1 high level mode
HIGH_LEVEL_DIAG_SEL 000 000 000 Selection of high level squib/pyroswitch diagnostic
Updated by SSM_RESET or SPI write
000 No diagnostic selected
001 VRCM CHECK
010 Leakage CHECK
011 Short Between Loops CHECK
100 ER cap ESR measure
101 Squib/pyroswitch resistance range CHECK
110 Squib/pyroswitch resistance measurement
111 FET test
SQP 0
0
0 Squib/pyroswitch pin select for all leakage diagnostic
Updated by SSM_RESET or SPI write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com