Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679PTR Datasheet(PDF) 111 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 111 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 107Page - STMicroelectronics L9679PTR Datasheet HTML 108Page - STMicroelectronics L9679PTR Datasheet HTML 109Page - STMicroelectronics L9679PTR Datasheet HTML 110Page - STMicroelectronics L9679PTR Datasheet HTML 111Page - STMicroelectronics L9679PTR Datasheet HTML 112Page - STMicroelectronics L9679PTR Datasheet HTML 113Page - STMicroelectronics L9679PTR Datasheet HTML 114Page - STMicroelectronics L9679PTR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 279 page
background image
DS11627 Rev 7
111/279
L9679P
SPI interfaces
278
0 No delay is applied
1 Delay is applied
VCCBCK_LS_ON_DELAY
0
-
- VCCBuck low side activation delay
Updated by POR or SPI write
0 No delay is applied
1 Delay is applied
SATBCK_FORCE_F_SLOPE
0
-
- SatBuck fast slope selection
Updated by POR or SPI write
0 Fast slope activation depends on VIN voltage
1 Fast slope is forced ON
SYBST_FORCE_F_SLOPE
0
-
- SyncBoost fast slope selection
Updated by POR or SPI write
0 Fast slope activation depends on VIN voltage
1 Fast slope is forced ON
ERBST_FORCE_F_SLOPE
0
-
- ER Boost fast slope selection
Updated by POR or SPI write
0 Fast slope activation depends on VIN voltage
1 Fast slope is forced ON
VCCBCK_PH_SEL[1:0]
11
-
- VCCBuck phase shifting selection (if switching frequency is different respect
to another regulator, the phase shift between them is not guaranteed)
Updated by POR or SPI write
00 0 ns switching ON shift respect to t0
01 125 ns switching ON shift respect to t0
10 250 ns switching ON shift respect to t0
11 375 ns switching ON shift respect to t0
SATBCK_PH_SEL[1:0] 10
-
- SatBuck phase shifting selection (if switching frequency is different respect to
another regulator, the phase shift between them is not guaranteed)
Updated by POR or SPI write
00 0 ns switching ON shift respect to t0
01 125 ns switching ON shift respect to t0
10 250 ns switching ON shift respect to t0
11 375 ns switching ON shift respect to t0
SYBST_PH_SEL[1:0] 01
-
- SyncBoost phase shifting selection (if switching frequency is different respect
to another regulator, the phase shift between them is not guaranteed)
Updated by POR or SPI write
00 0 ns switching ON shift respect to t0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com