Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ207SSW Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ATQ207SSW
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ207SSW Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ATQ207SSW Datasheet HTML 1Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 2Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 3Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 4Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 5Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 6Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 7Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 8Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
FEATURES
● 3 types of terminal shapes:
PC board terminal ( standard/self-clinching terminal )
Surface-mount terminal
●Confort to FCC Part68:
Surge withstand voltage 1,500 V ( between open contacts )
● M.B.B. contact available
●Surface-mount terminal conform to JIS
C0806 standard
TYPICAL APPLICATIONS
● Telecommunications and measurement
equipment
● Telephone related equipment
● OA equipment
● Industrial machines
Flat, 5 mm 2 Form C, 2 A, Surface mount terminal relays
TQ RELAYS
Signal Relays ( 2 A or less )
ORDERING INFORMATION ( PART NO. : Ordering part number for Japanese market )
Contact arrangement
2:2 Form C (2 Form D)
Contact material
Nil:Standard contact
22:MBB conatct
(PC board terminal
(Standard/Self-clinching terminal) only)
Terminal shape / Operating function
0 : Standard PC board terminal type or
Surface-mount terminal
Single side stable
1 : Standard PC board terminal type or
Surface-mount terminal
1 coil latching
2 : Standard PC board terminal type or
Surface-mount terminal
2 coil latching (L2)
3 : PC board terminal (Self-clinching terminal)
Single side stable
4 : PC board terminal (Self-clinching terminal)
1 coil latching
5 : PC board terminal (Self-clinching terminal)
2 coil latching
Packing style*3
Nil:Tube packing
X :Tape and reel
(picked from 1/2/3/4/5-pin side)
Z :Tape and reel packing
(picked from the 6/7/8/9/10-pin side)
W :Tape and reel packing (picked from the 1/2/3/4/5-pin side)
With humidity indicator and silica gel in moisture proof bag*4
Y :Tape and reel packing (picked from the 6/7/8/9/10-pin side)
With humidity indicator and silica gel in moisture proof bag*4
*1: 48 V coil type: Single side stable only
*2: In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
*3: The W and Y at the end of the part number is only available for SA and SS.
*4: Each reel is packed with humidity indicators and silica gel in the moisuture proof pack.
Rated coil voltage (DC)*1, *2
0 : 1.5 V, 1 : 3 V,
2 : 6 V,
3 : 12 V,
4 : 24 V,
5 : 48 V, 6 : 4.5 V, 7 : 9 V,
9 : 5 V
Surface-mount type
Nil:PC board terminal ,
(Standard/Self-clinching terminal)
SA:SA type
SL :SL type
SS :SS type
2
ATQ
(
Unit:mm)
Protective construction:Sealed type
99
55
14
14
99
5.6
14
14
999
14
14
14
999
114
14
ー 1 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com