Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ207SSW Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ATQ207SSW
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ207SSW Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ATQ207SSW Datasheet HTML 4Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 5Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 6Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 7Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 8Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 9Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 10Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 11Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
■ Specifications
Item
Specifications
Contact data
Contact arrangement
2 Form C
Contact resistance
( Initial )
Max. 75 mΩ ( by voltage drop 6 V DC 1 A )
Contact material
AgNi + Au clad
Contact rating
( resistive )
2 A 30 V DC, 0.5 A 125 V AC
Max. switching power
( resistive )
60 W ( DC ), 62.5 VA ( AC )
Max. switching voltage
220 V DC, 125 V AC
Max. switching current
2 A ( DC ), 2 A ( AC )
Min. switching load
( reference value )*1
10 µA 10 mV DC
Insulation resistance ( Initial )
Min. 1,000 MΩ ( at 500 V DC, Measured portion is the same as the case of dielectric strength. )
Dielectric
strength
( Initial )
Between open contacts
1,000 Vrms 1 min ( detection current: 10 mA )
Between contact and coil
1,500 Vrms 1 min ( detection current: 10 mA )
Between contact sets
1,500 Vrms 1 min ( detection current: 10 mA )
Surge
withstand
voltage
( Initial )
Between open contacts
1,500 V 10 × 160 µs
Between contact and coil
2,500 V 2 × 10 µs
Time
characteristics
( Initial )
Operate [ Set ] time
Max. 4 ms at rated coil voltage ( at 20 ℃ , without bounce )
[ Max. 4 ms ( at 20 ℃, without bounce ) ]
Release [ Reset ] time
Max. 4 ms at rated coil voltage ( at 20 ℃ , without bounce, without diode )
[ Max. 4 ms ( at 20 ℃, without bounce ) ]
Shock
resistance
Functional
750 m/s2 ( half-sine shock pulse: 6 ms, detection time: 10 µs )
Destructive
1,000 m/s2 ( half-sine shock pulse: 6 ms )
Vibration
resistance
Functional
10 to 55 Hz ( at double amplitude of: 3 mm, detection time: 10 µs )
Destructive
10 to 55 Hz ( at double amplitude of: 5 mm )
Expected life
Mechanical life
Min. 100 × 106 ope. ( Switching frequency: at 180 times/min )
Conditions
Conditions for usage,
transport and storage*2
Ambient temperature: −40 to +85 ℃ ( 70 ℃ over: Max. 1 A )
( Allowable temperature is from −40 to +70 ℃ at our standard packing condition. )
Humidity: 5 to 85 % RH ( Avoid icing and condensation )
Unit weight
Approx. 2 g
Note) For AC load, please inquire our sales representative for details.
*1: This value is a rough indication of the lower limit at which switching is possible at micro load level.
This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
TX/TX-S/TX-D relay AgPd contact type are available for low level load analog circuit ( 10 V DC, 10 mA max. level ).
*2: For ambient temperature, please refer to the " GUIDELINES FOR RELAY USAGE ".
■ Electrical life
Conditions: resistive load, switching frequency at 20 times/minute
Type
Switching capacity
Number of operations
2 Form C
1
A 30 V DC
Min. 200 × 103 ope.
2
A 30 V DC
Min. 100 × 103 ope.
0.5 A 125 V AC
Min. 100 × 103 ope.
ー 7 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com