Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ207SSW Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ATQ207SSW
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ207SSW Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ATQ207SSW Datasheet HTML 1Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 2Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 3Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 4Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 5Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 6Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 7Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 8Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
■ MBB contact
● Standard PC board terminal and self-clinching terminal: Tube packing
Contact
arrangement
Rated coil
voltage
Standard
Self-clinching terminal*
Standard packing
Single side stable
Single side stable
Inner carton
( 1 Tube packing )
Outer carton
Type No.
Part No.
Type No.
Part No.
2 Form D
3
V DC
TQ2-2M-3V
ATQ20122
TQ2H-2M-3V
ATQ23122
50 pcs.
1,000 pcs.
4.5 V DC
TQ2-2M-4.5V
ATQ20622
TQ2H-2M-4.5V
ATQ23622
5
V DC
TQ2-2M-5V
ATQ20922
TQ2H-2M-5V
ATQ23922
6
V DC
TQ2-2M-6V
ATQ20222
TQ2H-2M-6V
ATQ23222
9
V DC
TQ2-2M-9V
ATQ20722
TQ2H-2M-9V
ATQ23722
12
V DC
TQ2-2M-12V
ATQ20322
TQ2H-2M-12V
ATQ23322
24
V DC
TQ2-2M-24V
ATQ20422
TQ2H-2M-24V
ATQ23422
* Latching types are available by request. Please inquire our sales representative for details.
■ Standard contact
● Surface-mount terminal: Tube packing
Contact
arrangement
Rated coil
voltage
Single side stable
1 coil latching
2 coil latching
Standard packing
Type No.
Part No.
Type No.
Part No.
Type No.
Part No.
Carton
( 1 Tube packing )
Outer carton
2 Form C
1.5 V DC
TQ2S*-1.5V
ATQ200S*
TQ2S*-L-1.5V
ATQ210S*
TQ2S*-L2-1.5V
ATQ220S*
50 pcs.
1,000 pcs.
3
V DC
TQ2S*-3V
ATQ201S*
TQ2S*-L-3V
ATQ211S*
TQ2S*-L2-3V
ATQ221S*
4.5 V DC
TQ2S*-4.5V
ATQ206S*
TQ2S*-L-4.5V
ATQ216S*
TQ2S*-L2-4.5V
ATQ226S*
5
V DC
TQ2S*-5V
ATQ209S*
TQ2S*-L-5V
ATQ219S*
TQ2S*-L2-5V
ATQ229S*
6
V DC
TQ2S*-6V
ATQ202S*
TQ2S*-L-6V
ATQ212S*
TQ2S*-L2-6V
ATQ222S*
9
V DC
TQ2S*-9V
ATQ207S*
TQ2S*-L-9V
ATQ217S*
TQ2S*-L2-9V
ATQ227S*
12
V DC
TQ2S*-12V
ATQ203S*
TQ2S*-L-12V
ATQ213S*
TQ2S*-L2-12V
ATQ223S*
24
V DC
TQ2S*-24V
ATQ204S*
TQ2S*-L-24V
ATQ214S*
TQ2S*-L2-24V
ATQ224S*
48
V DC
TQ2S*-48V
ATQ205S*
−
−
−
−
Note) Enter " A " for SA type, " L " for SL type and " S " for SS type into the " * ".
● Surface-mount terminal: Tape and reel packing: Z
Contact
arrangement
Rated coil
voltage
Single side stable
1 coil latching
2 coil latching
Standard packing
Type No.
Part No.
Type No.
Part No.
Type No.
Part No.
Carton
( 1 Reel packing )
Outer
carton
2 Form C
1.5 V DC
TQ2S*-1.5V-Z
ATQ200S*Z
TQ2S*-L-1.5V-Z
ATQ210S*Z
TQ2S*-L2-1.5V-Z
ATQ220S*Z
500 pcs.
1,000 pcs.
3
V DC
TQ2S*-3V-Z
ATQ201S*Z
TQ2S*-L-3V-Z
ATQ211S*Z
TQ2S*-L2-3V-Z
ATQ221S*Z
4.5 V DC
TQ2S*-4.5V-Z
ATQ206S*Z
TQ2S*-L-4.5V-Z
ATQ216S*Z
TQ2S*-L2-4.5V-Z
ATQ226S*Z
5
V DC
TQ2S*-5V-Z
ATQ209S*Z
TQ2S*-L-5V-Z
ATQ219S*Z
TQ2S*-L2-5V-Z
ATQ229S*Z
6
V DC
TQ2S*-6V-Z
ATQ202S*Z
TQ2S*-L-6V-Z
ATQ212S*Z
TQ2S*-L2-6V-Z
ATQ222S*Z
9
V DC
TQ2S*-9V-Z
ATQ207S*Z
TQ2S*-L-9V-Z
ATQ217S*Z
TQ2S*-L2-9V-Z
ATQ227S*Z
12
V DC
TQ2S*-12V-Z
ATQ203S*Z
TQ2S*-L-12V-Z
ATQ213S*Z
TQ2S*-L2-12V-Z
ATQ223S*Z
24
V DC
TQ2S*-24V-Z
ATQ204S*Z
TQ2S*-L-24V-Z
ATQ214S*Z
TQ2S*-L2-24V-Z
ATQ224S*Z
48
V DC
TQ2S*-48V-Z
ATQ205S*Z
−
−
−
−
Notes) 1: Enter " A " for SA type, " L " for SL type and " S " for SS type into the " * ".
2: For taping packaging X, W, and Y, change " Z " at the end of the part number to " X ", " W ", and " Y " ( SA type and SS type only ).
3: The " W " and " Y " at the end of part number is only available for SA and SS ( Tape and reel packing ).
ー 3 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com