Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ207SSW Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # ATQ207SSW
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ207SSW Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button ATQ207SSW Datasheet HTML 14Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 15Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 16Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 17Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 18Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 19Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 20Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 21Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 22Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB414E 202210
Panasonic Industry Co., Ltd. 2022
GUIDELINES FOR SIGNAL RELAYS USAGE
Please refer to "the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
■ Cleaning
• Although the environmentally sealed type relay (plastic
sealed type,etc. ) can be cleaned, avoid immersing
the relay into cold liquid ( such as cleaning solvent )
immediately after soldering.
Doing so may deteriorate the sealing performance.
• Surface-mount terminal type relay is sealed type and it
can be cleaned by immersion.
Use pure water or alcohol-based cleaning solvent.
OTHERS
• Cleaning with the boiling method is recommended ( The
temperature of cleaning liquid should be 40℃ or lower ).
Avoid ultrasonic cleaning on relays.
Use of ultrasonic cleaning may cause breaks in the coil
or slight sticking of the contacts due to the ultrasonic
energy.
ー 20 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com