Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ207SSW Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ATQ207SSW
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ207SSW Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ATQ207SSW Datasheet HTML 9Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 10Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 11Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 12Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 13Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 14Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 15Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 16Page - Panasonic Semiconductor ATQ207SSW Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
The CAD data of the products with a " CAD " mark can be downloaded from our Website.
CAD
DIMENSIONS ( Unit: mm )
0.50.25
7.62
9
2.54
14
General tolerance:±0.3
0.50.25
7.62
9
2.54
14
General tolerance:±0.3
2.54
10.16
10-φ1.0
Tolerance:±0.1
Direction indication
−
+
1
10
7
8
4
9
2
6
5
3
Direction indication
−
+
−
+
1
10
7
8
4
9
2
6
5
3
Direction indication
+
−
1
10
7
8
4
9
2
6
5
3
External dimensions
PC board terminal
( standard )
Recommended PC board pattern
( BOTTOM VIEW )
■ PC board terminal ( standard/self-clinching terminal )
Schematic
( BOTTOM VIEW )
Single side stable
( De-energize )
1 coil latching
( Reset )
PC board terminal
( self-clinching terminal )
2 coil latching
( Reset )
CAD
ー 12 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com