Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5150CS
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 5Page - STMicroelectronics L5150CS Datasheet HTML 6Page - STMicroelectronics L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics L5150CS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DS6184 Rev 18
9/34
L5150CJ, L5150CS
Electrical specifications
33
VS, Vo
Iqn_1
Current consumption
Iqn_1 = IVs – Io
VS = 13.5 V,
Io = 0.1 mA to 1 mA,
Tj = 25 °C
–55
80
µA
VS = 13.5 V,
Io = 0.1 mA to 1 mA,
–95
VS, Vo
Iqn_150
Current consumption
Iqn_150 = IVs – Io
VS = 13.5 V
Io = 150 mA
–3
4.2
mA
–Tw
Thermal protection
temperature
–150
190
°C
–Tw_hy
Thermal protection
temperature hysteresis
––
10
°C
1. Measured Output Current when the output voltage has dropped 100 mV from its nominal Value obtained at
13.5 V and Io =75 mA.
2. Vs - Vo Measured Dropout when the output voltage has dropped 100 mV from its nominal Value obtained at
13.5 V and Io =75 mA.
3. Guaranteed by design.
Table 6. Reset
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Res
Vres_l
Reset output low
voltage
Rext = 5 kΩ
Vo > 1 V
––
0.4
V
Res
IRes_lkg
Reset output high
leakage current
VRes = 5 V
1
µA
Res
RRes
Pull up internal
resistance
Versus Vo
10
20
40
Res
Vo_th
Vo out of regulation
threshold
Vres_adj < 0.2 V,
Vo decreasing
68
10
% Below
Vo_ref
Res_adj
Vres_adj
Reset adjustable
switching threshold
2.35
2.5
2.65
V
Res_adj
VRes_adjl
Reset adjustable
low voltage
0.4
0.9
1.3
V
Res_adj
IRes_adj_lkg
Reset adjustable
leakage current
Vres_adj = 2.5 V
-1
1
µA
Vcr
VRlth
Reset timing low
threshold
VS = 13.5 V
15
18
22
% Vo_ref
Vcr
VRhth
Reset timing high
threshold
VS =13.5 V
47
50
53
% Vo_ref
Vcr
Icr
Charge current
VS = 13.5 V
10
20
30
µA
Vcr
Idr
Discharge current
VS = 13.5 V
10
20
30
µA
Table 5. General (continued)
Pin
Symbol
Parameter
Test condition
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com