Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5150CS
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics L5150CS Datasheet HTML 13Page - STMicroelectronics L5150CS Datasheet HTML 14Page - STMicroelectronics L5150CS Datasheet HTML 15Page - STMicroelectronics L5150CS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical specifications
L5150CJ, L5150CS
12/34
DS6184 Rev 18
Figure 9. Current consumption vs. input voltage
(Io = 75 mA)
Figure 10. Current limitation vs. Tj
Iqn(mA)
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
3
5
7
9
11
13
15
17
19
21
23
Vs(V)
GAPGCFT00142
Ilim(mA)
200
260
320
380
440
500
560
620
680
740
800
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs=13.5V
GAPGCFT00143
Figure 11. Current limitation vs. input voltage
Figure 12. Short-circuit current vs. Tj
GAPGCFT00144
Ilim(mA)
200
260
320
380
440
500
560
620
680
740
800
3
5
7
9
11
13
15
17
19
21
23
Vs(V)
Tj=25°C
Tj=150°C
Ishort(mA)
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs=13.5V
GAPGCFT00146
Figure 13. Short-circuit current vs. input
voltage
Figure 14. VRhth vs. Tj
GAPGCFT00147
Ishort(m A)
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
0
2
4
6
8
10
12
14
16
18
20
Vs(V)
Tj=150°C
Tj=25°C
Vrhth(% Vo_ref)
45
46
47
48
49
50
51
52
53
54
55
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs = 5.6V to 31V
GAPGCFT00148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com