Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5150CS
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics L5150CS Datasheet HTML 13Page - STMicroelectronics L5150CS Datasheet HTML 14Page - STMicroelectronics L5150CS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DS6184 Rev 18
11/34
L5150CJ, L5150CS
Electrical specifications
33
2.4
Electrical characteristics curves
Figure 3. Output voltage vs. Tj
Figure 4. Output voltage vs. VS
Vo_ref(V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Io= 75mA
Vs= 13.5V
GAPGCFT00136
Vo-ref (V)
GAPGCFT00137
8
7
6
5
4
3
2
1
0
-1
-2
0123
456789
10
VS (V)
Io = 75 mA
Tc = 25 °C
Figure 5. Drop voltage vs. output current
Figure 6. Current consumption vs. output
current
Vdp(V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
15
30
45
60
75
90
105
120
135
150
165
Io(mA)
Tj=125°C
Tj=25°C
GAPGCFT00138
Iqn(mA)
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
0
20
40
60
80
100
120
140
160
Io(mA)
Vs=13.5V
Tj=25°C
GAPGCFT00139
Figure 7. Current consumption vs. output
current (at light load condition)
Figure 8. Current consumption vs. input voltage
(Io = 0.1 mA)
GAPGCFT00140
Io (mA)
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
-0.5
0123
456789
10
Vs = 13.5 V
Iqn (mA)
Iqn(μA)
0
20
40
60
80
100
120
140
160
180
200
3
5
7
9
11
13
15
17
19
21
23
Vs(V)
GAPGCFT00141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com