Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 32 Page - STMicroelectronics

Part # L5150CS
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 26Page - STMicroelectronics L5150CS Datasheet HTML 27Page - STMicroelectronics L5150CS Datasheet HTML 28Page - STMicroelectronics L5150CS Datasheet HTML 29Page - STMicroelectronics L5150CS Datasheet HTML 30Page - STMicroelectronics L5150CS Datasheet HTML 31Page - STMicroelectronics L5150CS Datasheet HTML 32Page - STMicroelectronics L5150CS Datasheet HTML 33Page - STMicroelectronics L5150CS Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Revision history
L5150CJ, L5150CS
32/34
DS6184 Rev 18
16-Apr-2009
6
Updated corporate template from V2 to V3
Updated Figure 2: Configuration diagram (top view)
Table 2: Pins description
– Added new row
Table 3: Absolute maximum ratings
– VEn: deleted row
Table 4: Thermal data
– Rthj-amb: changed value
– Added new row
– Updated TableFootnote
Table 5: General
– Vload: changed max value for Vs = 8 V to 18 V, added new row
– Iqn_1: changed Test conditions (added Tj = 25 °C), added new row
Table 6: Reset
– VRlth: changed min/typ/max value
– VRes_adjl: replaced with VRlth, changed Parameter
Table 7: Early warning
– Updated symbols
Added Figure 3: Output voltage vs. Tj
Added Figure 4: Output voltage vs. VS
Added Figure 5: Drop voltage vs. output current
Added Figure 6: Current consumption vs. output current
Added Figure 7: Current consumption vs. output current (at light load
condition)
Added Figure 8: Current consumption vs. input voltage (Io = 0.1 mA)
Added Figure 9: Current consumption vs. input voltage (Io = 75 mA)
Added Figure 10: Current limitation vs. Tj
Added Figure 11: Current limitation vs. input voltage
Added Figure 12: Short-circuit current vs. Tj
Added Figure 13: Short-circuit current vs. input voltage
Added Figure 14: VRhth vs. Tj
Added Figure 15: VRlth vs. Tj
Added Figure 16: VEWi_thh vs. Tj
Added Figure 17: VEWi_thl vs. Tj
Added Figure 18: Icr vs. Tj
Added Figure 19: Idr vs. Tj
Added Figure 20: PSRR
Section 3.1: Voltage regulator
– Updated text
– Added Figure 21: Application schematic
– Added Figure 23: Maximum load variation response
Section 3.2: Reset
– VRlth: changed value from 1.15 V to 0.9 V in Equation 1
Added Section 4: Package and PCB thermal data
Changed Section 5.1: ECOPACK®
Table 12. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com