Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5150CS
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics L5150CS Datasheet HTML 13Page - STMicroelectronics L5150CS Datasheet HTML 14Page - STMicroelectronics L5150CS Datasheet HTML 15Page - STMicroelectronics L5150CS Datasheet HTML 16Page - STMicroelectronics L5150CS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DS6184 Rev 18
13/34
L5150CJ, L5150CS
Electrical specifications
33
Figure 15. VRlth vs. Tj
Figure 16. VEWi_thh vs. Tj
0
3
6
9
12
15
18
21
24
27
30
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vrlth (%Vo_ref)
Vs = 5.6V to 31V
GAPGCFT00149
Vewi_thh(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs = 5.6V to 31V
GAPGCFT00150
Figure 17. VEWi_thl vs. Tj
Figure 18. Icr vs. Tj
Figure 19. Idr vs. Tj
Figure 20. PSRR
Vewi_thl(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs = 5.6V to 31V
GAPGCFT00151
Icr(μA)
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs = 5.6V to 31V
GAPGCFT00152
Idr(μA)
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
175
Tj(°C)
Vs = 5.6V to 31V
GAPGCFT00153
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
0.10
1.00
10.00
100.00
1000.00
10000.00
FREQUENCY [KHz]
PSRR [dB]
Co=220nF
GAPGCFT00154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com