Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 11Page - STMicroelectronics L9001 Datasheet HTML 12Page - STMicroelectronics L9001 Datasheet HTML 13Page - STMicroelectronics L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics L9001 Datasheet HTML 17Page - STMicroelectronics L9001 Datasheet HTML 18Page - STMicroelectronics L9001 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
DS12089 Rev 2
15/38
L9001
Power supply
37
The connection of VDD1 output voltage to VR1 also allows the usage of VDD1 as pre-
regulator for VDD2 in case VDD2 regulator is not disabled (see Section 5.3 for details).
To guarantee full flexibility in the system power supply architecture, VDD1 regulator can also
be disabled, if the application does not require it. This can be configured by shorting the
VR1 output pin to VS supply and CONF3 to ground.
Table 9. VDD1 regulator parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VR1
Output voltage
CONF3 LOW
1 A > Iload1 > ILIM_BP1
3.2
3.3
3.4
V
CONF3 MID
1 A > Iload1 > ILIM_BP1
4.85
5
5.15
V
CONF3 HIGH
1 A > Iload1 > ILIM_BP1 ,
VS > 6 .5 V
5.82
6
6.18
V
Iload1
Output current
-
0
-
1
A
dVSR1_ac
Line transient response(1)
Not tested, guaranteed by
design, SR < 1 V/μs
-8
-
8
%
dVLR1_ac
Load transient
response(1)
Not tested, guaranteed by
design, Iload1 > ILIM_BP1,
dt = 10 μs
-8
-
8
%
VR1_byp
Output voltage in bypass
mode
CONF3 LOW
Iload1 < ILIM_BP1
3.25
3.25
3.45
V
CONF3 MID
Iload1 < ILIM_BP1
4.93
5.08
5.23
V
CONF3 HIGH
Iload1 < ILIM_BP1
5.91
6.09
6.27
V
Ilim1
Current limitation
-
2.2
2.8
4
A
SwFreq1
Switching frequency
-
-
465
-
kHz
RDSon1
High side RDSon
-
-
-
0.5
Ω
SS1
Soft start control
CONF3 LOW
(20%-80%)
-
-
15.5
V/ms
CONF3 MID
(20%-80%)
-
-
21
V/ms
CONF3 HIGH
(20%-80%)
-
-
24.5
V/ms
ICMP1_l
LPM current low
threshold
-3
-
-
mA
ICMP1_h
LPM current
high
threshold
--
-
28
mA
ILIM_BP1
Bypass LDO current
limitation
-22
30
45
mA
Cout1
Capacitor at VR1
Application info
-
22
-
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com