Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9001 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 17Page - STMicroelectronics L9001 Datasheet HTML 18Page - STMicroelectronics L9001 Datasheet HTML 19Page - STMicroelectronics L9001 Datasheet HTML 20Page - STMicroelectronics L9001 Datasheet HTML 21Page - STMicroelectronics L9001 Datasheet HTML 22Page - STMicroelectronics L9001 Datasheet HTML 23Page - STMicroelectronics L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
DS12089 Rev 2
21/38
L9001
Diagnosis
37
6
Diagnosis
Each power supply line generated by the device is monitored against over voltage, under
voltage and provides an internal current limitation circuit; besides the device provides
additional diagnosis functions: watchdog, over temperature, VS UV/OV and latch mode.
VDD1 regulator output is monitored through VR1 pin and if the voltage goes below (above)
the specified threshold VR1_uv (VR1_ov) for more than tFILT_uv_VR1 (tFILT_ov_VR1) filter time,
RSTN1 is driven low; when the fault disappears, RSTN1 is released after the specified time
tRSTN1_act.
VDD2 regulator output is monitored through FB2 pin and if the voltage goes below (above)
the specified threshold VR2_uv (VR2_ov) for more than tFILT_uv_VR2 (tFILT_ov_VR2) filter time,
RSTN2 is driven low; when the fault disappears, RSTN2 is released after the specified time
tRSTN2_act.
ADCLDO regulator output is monitored through VADC pin and if the voltage goes below
(above) the specified threshold VADC_uv (VADC_ov) for more than tFILT_uv_VADC
(tFILT_ov_VADC) filter time, ADCMON is driven low; when the fault disappears, ADCMON is
released after the specified time tADCMON_act.
As supervision watchdog function, the WDI input is monitored and WDO output is driven low
in case of faults (see Section 7 for details)
Internal junction temperature is monitored and when Tj > TW_H, TWN output is driven low
and it is released when Tj < TW_L (hysteresis implemented); when Tj > TSD, L9001 shut
down regulators entering a protection mode called SAFE state (see Section 8.2.5 for
details). L9001 goes back to ACTIVE mode when Tj < TW_L.
TWN and WDO are open drain. RSTN1, RSTN2 and ADCMON all have an internal resistive
pull-up R_INT_RPU to VDDIO. RSTN1, RSTN2 and ADCMON are driven low level at
power-up when WAKE is greater than WAKE_Hth after WPH filter time and are released
after their relative output voltages (VR1, VR2 and VADC) have risen above their under
voltage thresholds.
VS input pin is monitored and in case one of the following conditions applies the device
goes in a protection mode called SAFE state:
VS > VS_ov_h for a period longer than tFILT_VS_ov,
–
L9001 goes back to ACTIVE mode if VS < VS_ov_l for a period longer than
tFILT_VS_ov
VS < VS_uv_l for a period longer than tFILT_VS_uv,
–
L9001 goes back to ACTIVE mode if VS > VS_uv_h for a period longer than
tFILT_VS_uv
Internal CP voltage is monitored as well and when CP<CP_uv for a period longer than
tFILT_CP_uv L9001 shuts down regulators and enters SAFE state; it goes back to ACTIVE
mode if CP>CP_uv for a period longer than tFILT_CP_uv.
L9001 provides a feature, called latch state, that disables the system in case a systematic
fault is repetitively detected on CP_uv, watchdog or thermal shutdown events. For detailed
description see LATCH mode description in Section 8.2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com