Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9001 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics L9001 Datasheet HTML 26Page - STMicroelectronics L9001 Datasheet HTML 27Page - STMicroelectronics L9001 Datasheet HTML 28Page - STMicroelectronics L9001 Datasheet HTML 29Page - STMicroelectronics L9001 Datasheet HTML 30Page - STMicroelectronics L9001 Datasheet HTML 31Page - STMicroelectronics L9001 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Operation modes
L9001
28/38
DS12089 Rev 2
8.2.4
LOW POWER mode
Low power mode corresponds to a state where the system needs to decrease the overall
power consumption with a reduced level of functionality. In this state, ADCLDO is switched
off, regulators VDD1 and VDD2 are working in bypass mode and Watchdog, over
temperature, regulators over & under voltage are all disabled.
The state can be entered by ACTIVE state by rising STBY pin. Depending on the active
VDD regulators (i.e. the regulators which have not been disabled in the application), the low
power mode is managed in a different way.
When only VDD1 regulator is enabled and the STBY pin is asserted high, the device goes in
LOW POWER mode if VR1 current is lower than ICMP1_l. In this case only the bypass LDO
drives the wanted output voltage while the switch mode operation is deactivated. When VR1
current turns higher than ICMP1_h, the device goes back to ACTIVE mode.
When only VDD2 regulator is enabled and the STBY pin is asserted high, the device goes in
LOW POWER mode if VR2 current is lower than ICMP2_l. In this case only the bypass LDO
drives the wanted output voltage. When VR2 current turns higher than ICMP2_h, the device
goes back to ACTIVE mode.
When both regulators are enabled and the STBY pin is asserted high and the total overall
current generated by VDD1 regulator is lower than ICMP1_l, the device goes in LOW
POWER mode and only the bypass LDOs drive the output voltages while the switch mode
operation (or linear mode, depending on the configuration) is deactivated. When the total
overall current turns higher than ICMP1_h, the device goes back to ACTIVE mode.
For further details on transitions from and to low power mode please refer to AN5163.
8.2.5
SAFE mode
SAFE mode corresponds to a state that is entered automatically when a fail-safe triggering
condition is generated in ACTIVE state. These failure conditions are four: over temperature
shutdown, VS overvoltage, VS undervoltage, and charge pump undervoltage. When in
SAFE mode, all output regulators and watchdog are switched off, monitoring and charge
pump are still active. Exit from SAFE state occurs only if Failure condition disappears.
8.2.6
LATCH mode
LATCH mode corresponds to a state that is entered automatically when the system has
persistent failures which are blocking the functionality and so it must be stopped or
restarted. Thus the only way out of LATCH state is going to OFF state and then again in
ACTIVE, otherwise the system will remain in LATCH state indefinitely.
In LATCH state all output regulators and WD are switched off, monitoring and charge pump
are also switched off, and WDO is low.
In particular, the failures that can trigger LATCH state are: over temperature shutdown
(OTSD), charge pump undervoltage (CP_UV) and watchdog fail.
The IC has two separate failure counters:
WD_FC which counts fails on watchdog;
FC which counts fails on OTSD and CP_UV.
Each time a failure is detected, the correspondent failure counter is incremented; LATCH
mode occurs when either the FC failure counter or the WD_FC has reached a threshold of 4
failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com