Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 46Page - STMicroelectronics L99UDL01 Datasheet HTML 47Page - STMicroelectronics L99UDL01 Datasheet HTML 48Page - STMicroelectronics L99UDL01 Datasheet HTML 49Page - STMicroelectronics L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics L99UDL01 Datasheet HTML 53Page - STMicroelectronics L99UDL01 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
5.17
SPI registers
5.17.1
SPI control register description
The SPI Command word consists of an OpCode (2 bits) a Parity (1 bit), address (6 bits), and Command/Data (15 bits) sections.
The following descriptions are done by SPI address.
5.17.2
Control register overview
Table 25. Control register overview
Bit
23
22
21
20
19
18
17
16
Mode
Global Status
GSBN
RSTB
SPIE
FE2
FE1
DE
GW
R
Control Reg
Addr
Bit
15
14
13
12
11
10
9
8
76
5
4
3
2
1
0
0x00
CR0
MSB
FPWM2
FPWM1
FPWM0
HSD6
HSD5
HSD4
HSD3
HSD2
R/W
LSB
HSD1
LSD6
LSD5
LSD4
LSD3
LSD2
LSD1
Parity
0x01
CR1
MSB
EX_OUT2_on
EX_OUT1_on
OUT6_on
OUT5_on
OUT4_on
OUT3_on
OUT2_on
OUT1_on
R/W
LSB
EMCY1
EMCY0
EXT2_HSD
EXT1_HSD
EXT2_LSD
EXT1_LSD
OUT_ON
Parity
0x02
CR2
MSB
DBN_EX2
DBN_EX1
DBN_6
DBN_5
DBN_4
DBN_3
DBN_2
DBN_1
R/W
LSB
tON_4
tON_3
tON_2
tON_1
tON_0
tOFF _1
tOFF _0
Parity
0x03
CR3
MSB
RES
RES
RES
RES
RES
RES
RES
RES
R/W
LSB
GFI
TSD_ACT
DITHN
GRP2_6
GRP2_5
GRP1_3
GRP1_2
Parity
0x04
CR4
MSB
C/PWM_SW_3
OCP3_3
OCP3_2
OCP3_1
OCP3_0
C/PWM_SW_2
OCP2_3
OCP2_2
R/W
LSB
OCP2_1
OCP2_0
C/PWM_SW_1
OCP1_3
OCP1_2
OCP1_1
OCP1_0
Parity
0x05
CR5
MSB
C/PWM_SW_6
OCP6_3
OCP6_2
OCP6_1
OCP6_0
C/PWM_SW_5
OCP5_3
OCP5_2
R/W
LSB
OCP5_1
OCP5_0
C/PWM_SW_4
OCP4_3
OCP4_2
OCP4_1
OCP4_0
Parity
0x06
CR6
MSB
HBDCL2
HBDCH2
STBY1
EXT2_VDt_1
EXT2_VDt_0
EXT1_VDt_1
EXT1_VDt_0
EXT2_VDS_3
R/W
LSB
EXT2_VDS_2
EXT2_VDS_1
EXT2_VDS_0
EXT1_VDS_3
EXT1_VDS_2
EXT1_VDS_1
EXT1_VDS_0
Parity
0x07
CR7
MSB
HBDCL1
HBDCH1
STBY2
ODCL6
ODCH6
ODCL5
ODCH5
ODCL4
R/W
LSB
ODCH4
ODCL3
ODCH3
ODCL2
ODCH2
ODCL1
ODCH1
Parity
0x08
CR8
MSB
RES
RES
RES
RES
RES
RES
RES
RES
R/W
LSB
RES
KI_2
KI_1
KI_0
KP_2
KP_1
KP_0
Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com