Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 63Page - STMicroelectronics L99UDL01 Datasheet HTML 64Page - STMicroelectronics L99UDL01 Datasheet HTML 65Page - STMicroelectronics L99UDL01 Datasheet HTML 66Page - STMicroelectronics L99UDL01 Datasheet HTML 67Page - STMicroelectronics L99UDL01 Datasheet HTML 68Page - STMicroelectronics L99UDL01 Datasheet HTML 69Page - STMicroelectronics L99UDL01 Datasheet HTML 70Page - STMicroelectronics L99UDL01 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
DS12511 Rev 5
67/88
L99UDL01
Programmers guide
87
Table 41. Current bit description
One output
Two outputs
Three outputs
Sum of 1
only
Current
Sum of 1+2
Current
Sum of
1+2+3
Current
One output
01 A
02 A
03 A
1
1.2 A
1
2.2 A
1
3.2 A
2
1.4 A
2
2.4 A
2
3.4 A
3
1.6 A
3
2.6 A
3
3.6 A
4
1.8 A
4
2.8 A
4
3.8 A
5
2 A
53 A
54 A
6
2.2 A
6
3.2 A
6
4.2 A
7
2.4 A
7
3.4 A
7
4.4 A
82.6 A
8
3.6 A
84.6 A
9
2.8 A
9
3.8 A
9
4.8 A
10
3 A
10
4 A
10
5 A
11
3.2 A
11
4.2 A
11
5.2 A
12
3.4 A
12
4.4 A
12
5.4 A
13
3.6 A
13
4.6 A
13
5.6 A
14
3.8 A
14
4.8 A
14
5.8 A
15
4 A
15
5 A
15
6 A
Two outputs
16
5.2 A
16
6.2 A
17
5.4 A
17
6.4 A
18
5.6 A
18
6.6 A
19
5.8 A
19
6.8 A
20
6 A
20
7 A
21
6.2 A
21
7.2 A
22
6.4 A
22
7.4 A
23
6.6 A
23
7.6 A
24
6.8 A
24
7.8 A
25
7 A
25
8 A
26
7.2 A
26
8.2 A
27
7.4 A
27
8.4 A
28
7.6 A
28
8.6 A
29
7.8 A
29
8.8 A
30
8 A
30
9 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com