Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 53Page - STMicroelectronics L99UDL01 Datasheet HTML 54Page - STMicroelectronics L99UDL01 Datasheet HTML 55Page - STMicroelectronics L99UDL01 Datasheet HTML 56Page - STMicroelectronics L99UDL01 Datasheet HTML 57Page - STMicroelectronics L99UDL01 Datasheet HTML 58Page - STMicroelectronics L99UDL01 Datasheet HTML 59Page - STMicroelectronics L99UDL01 Datasheet HTML 60Page - STMicroelectronics L99UDL01 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
DS12511 Rev 5
57/88
L99UDL01
Programmers guide
87
OUT_ON
If the OUT_ON bit is not set when writing to this register then the outputs will be initiated or
actuated per the programming on the rising edge of EN_OUT. If the OUT_ON bit in the
register is set, then upon the rising edge of CSN the outputs are actuated per the
programmed sequence, provided that EN_OUT=1. It should be noted that writing
OUT_ON=1 during a timed actuation outside of an Emergency mode is NOT supported and
is not recommended.
It needs to take care there are many registers that set up polarity and actuation parameters.
When not in timed actuation the OUT_ON bit will initiate actuation upon the rising edge of
CSN (provided that EN_OUT=1) using the information that is in all registers. If the OUT_ON
bit is set before the other registers are programmed, erroneous behavior may result.
In emergency mode (and EN_OUT=1) the rising edge of CSN will actuate what is in the
registers if the OUT_ON bit is set regardless any timed actuation in progress.
OUTx_on / EX_OUTx_on
These bits will override the programmed timed outputs. If this bit is set, it will turn on the
indicated output according to the output configuration (high side / low side) indefinitely. This
will occur on the rising edge of CSN regardless of the state of the OUT_ON bit or any other
register, provided that EN_OUT=1. The output will remain on until the corresponding
OUTx_on/ EX_OUTx_on bit is reset or EN_OUT=0. Disengaging an output override only
disables that output.
OUTx_on and EX_OUTx_on bits must not be changed at the initiation of or during a timed
actuation. Indefinite dynamic braking must be disabled before changing any of the output
override bits (OUTx_on, EX_OUTx_on in register 01H) or any of the overridden outputs
polarities.
OUTx_on works for paralleled outputs as well. To actuate a group of outputs using
OUTx_on first assign the appropriate outputs to be in parallel, then drive the master
OUTPUT for that group (OUT1 or OUT4) using the OUTx_on bit. OUTx_on will not work
when an output is grouped and an output, other than a master output, is commanded on.
For instance:
8
OUT1_on
Output 1 on override
7
EMCY1
Emergency override Bit 1
6
EMCY0
Emergency override Bit 0
5
EXT2_HSD
External H-Bridge 2 Output High Enable
4
EXT1_HSD
External H-Bridge 1 Output High Enable
3
EXT2_LSD
External H-Bridge 2 Output Low Enable
2
EXT1_LSD
External H-Bridge 1 Output Low Enable
1
OUT_ON
If set will actuate ALL outputs on CSN rising
0Parity
Table 30. 01H Command description (continued)
Bit#
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com