Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 39Page - STMicroelectronics L99UDL01 Datasheet HTML 40Page - STMicroelectronics L99UDL01 Datasheet HTML 41Page - STMicroelectronics L99UDL01 Datasheet HTML 42Page - STMicroelectronics L99UDL01 Datasheet HTML 43Page - STMicroelectronics L99UDL01 Datasheet HTML 44Page - STMicroelectronics L99UDL01 Datasheet HTML 45Page - STMicroelectronics L99UDL01 Datasheet HTML 46Page - STMicroelectronics L99UDL01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
DS12511 Rev 5
43/88
L99UDL01
Serial communications
87
5.2.4
Serial Data Output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (SCK).
5.3
Clock and data characteristics
The ST-SPI can be driven by a microcontroller with its SPI peripheral running in following
mode:
CPOL = 0 and CPHA = 0.
Figure 13. SPI signal description
The communication frame starts with the falling edge of the CSN (Communication Start).
SCK has to be low. The SDI data is then latched at all following rising SCK edges into the
internal shift registers.
After Communication Start the SDO will leave Tristate mode and present the MSB of the
data shifted out to SDO. At all following falling SCK edges data is shifted out through the
internal shift registers to SDO.
The communication frame is finished with the rising edge of CSN. If a valid communication
took place (e.g. correct number of SCK cycles), the requested operation by the OpCode will
be performed (Write or Clear operation).
5.4
Protocol
The Data-In Frame consist of 24 bits (OpCode + Address + Data1 + Data2) (see Figure 12:
SPI pin description). The first two transmitted bits (OC1, OC2) contain the Operation Code
which represents the instruction that will be performed. The following 6 bits (A5 to A0)
represent the address on which the operation will be performed.
The subsequent 2 bytes (D15 – D0) contain the payload data.
All data are written and read using within the same 24 bit frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com