Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 54Page - STMicroelectronics L99UDL01 Datasheet HTML 55Page - STMicroelectronics L99UDL01 Datasheet HTML 56Page - STMicroelectronics L99UDL01 Datasheet HTML 57Page - STMicroelectronics L99UDL01 Datasheet HTML 58Page - STMicroelectronics L99UDL01 Datasheet HTML 59Page - STMicroelectronics L99UDL01 Datasheet HTML 60Page - STMicroelectronics L99UDL01 Datasheet HTML 61Page - STMicroelectronics L99UDL01 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
Programmers guide
L99UDL01
58/88
DS12511 Rev 5
If OUT1 and OUT2 are grouped (GRP1_2 bit is set in register 03H) OUT1_on can be used
to command these two outputs on. OUT2_on will be ignored if used.
In normal mode, all overridden outputs (internal and external) will experience a ~6us pause
at each write access to register 01h that does not set the OUT_ON control bit. In emergency
mode, all overridden outputs (internal and external) will experience a ~10 µs pause at each
write access to register 01h regardless of the OUT_ON control bit value. Once back in
normal mode from the emergency one, the behavior will remain the one described in
emergency mode, unless the overridden outputs are disabled and then enabled again.
EMCYx
Emergency mode overrides any current actuation command in progress and drives outputs
according to the programmed values in the registers. If OUT_ON is low on the rising edge of
CSN then all timed actuation activity (if a timed actuation is in progress) will stop and wait for
an actuation.
While in Emergency mode the status bits (STAT[1:0]) will be automatically cleared whenever
there is a write to CR01H.
This command also overrides all protections such as thermal shutdown and overcurrent
latch off. In Emergency mode the device will not latch off if an overcurrent threshold is
exceeded. Instead of latching off the driver and reporting a fault the output will continue to
retry as in Normal mode. All faults will be reported while not acted upon.
Emergency mode is initiated when a (1, 0) is entered in the EMCY bits. All other EMCY bit
configurations result in Normal mode. Emergency mode is exited by initiating another
actuation where the EMCY bits are different from (1,0) or because of V3V3RST event.
At the initiation of an emergency mode timed actuation a ~10 µs pause will be experienced
on all overridden outputs (internal and external). In case of indefinite braking, at the initiation
of an emergency mode timed actuation a ~10 µs pause will be experienced on all outputs
(internal overridden, external overridden and time actuated)
EXTx_LSD, EXTx_HSD
These bits determine the polarity of an output, i.e. they specify which is the driver switched
on, High Side or Low Side. External drivers cannot be PWMmed.
Table 31. 01H emergency command description
EMGCY bits
Bit 1
Bit 0
Mode
0
0
Normal mode
0
1
Normal mode
1
0
Emergency mode
1
1
Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com