Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 111 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 111 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 107Page - STMicroelectronics L9908TR Datasheet HTML 108Page - STMicroelectronics L9908TR Datasheet HTML 109Page - STMicroelectronics L9908TR Datasheet HTML 110Page - STMicroelectronics L9908TR Datasheet HTML 111Page - STMicroelectronics L9908TR Datasheet HTML 112Page - STMicroelectronics L9908TR Datasheet HTML 113Page - STMicroelectronics L9908TR Datasheet HTML 114Page - STMicroelectronics L9908TR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
NSR
UNUSED_7
RO
13
1
0x0
B
UNUSED_6
RO
12
1
0x0
B
UNUSED_5
RO
11
1
0x0
B
UNUSED_4
RO
10
1
0x0
B
UNUSED_3
RO
9
1
0x0
B
UNUSED_2
RO
8
1
0x0
B
UNUSED_1
RO
7
1
0x0
B
UNUSED_0
RO
6
1
0x0
B
METAL_ID
RO
3
3
0x0
B
SILICON_ID
RO
0
3
0x1
B
Table 106. GEN_CFG1
Register name Address Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
GEN_CFG1
0x2
WDT_EN
0: Watchdog disabled (Default)
1: Watchdog enabled
RW
15
1
0x0
B
SLR
CLK_SSM_EN
0: Clock SSM disabled (Default)
1: Clock SSM enabled
RW
14
1
0x0
B
CSM_OUT_RANGE_CFG
RW
13
1
0x0
B
CSM_SSPV_PH_CFG
00: No synchronization
01: TSYNC based on phase 1 (Default)
10: TSYNC based on phase 2
11: TSYNC based on phase 3
RW
11
2
0x01
B
CSM_LP_CFG
000: No filtering (Default)
001: 91kHz
010: 37kHz
011: 17kHz
100: 8kHz
101: 4kHz
110: 2kHz
111: 1kHz
RW
8
3
0x0
B
DTP_CFG
000: 0us - DTP disabled
001: 0.25us
010: 0.35us
011: 0.5us
100: 1us - Default
101: 1.5us
110: 2us
RW
5
3
0x2
B
L9908
Functional description
DS13546 - Rev 5
page 111/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com