Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 112 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 108Page - STMicroelectronics L9908TR Datasheet HTML 109Page - STMicroelectronics L9908TR Datasheet HTML 110Page - STMicroelectronics L9908TR Datasheet HTML 111Page - STMicroelectronics L9908TR Datasheet HTML 112Page - STMicroelectronics L9908TR Datasheet HTML 113Page - STMicroelectronics L9908TR Datasheet HTML 114Page - STMicroelectronics L9908TR Datasheet HTML 115Page - STMicroelectronics L9908TR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
Register name Address Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
SLR
111: 4us
SR_CRC_FAIL_REDIRECT_CFG
RW
4
1
0x0
B
VBP_OV_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
3
1
0x0
B
VBP_UV_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
2
1
0x0
B
VDH_OV_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
1
1
0x0
B
VDH_UV_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
0
1
0x0
B
Table 107. GEN_CFG2
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
GEN_CFG2
0x3
ACT_CFG
00: PVF negative polarity (Default)
01: PVF positive polarity
10: INL negative polarity
11: INL positive polarity
RW
14
2
0x0
B
SLR
OFD_BLANK
00: T_ofd_blank = 10ms
01: T_ofd_blank = 25ms
10: T_ofd_blank = 50ms (Default)
11: T_ofd_blank = 100ms
RW
12
2
0x2
B
VDS_HS_TH
RW
6
6
0x0
B
VDS_LS_TH
RW
0
6
0x0
B
Table 108. GE_CFG3
Register
name
Address
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
GEN_CFG3
0x4
TWN_CFG
00: 130deg.
01: 140deg. (Default)
10: 150deg.
11: 160deg.
RW
14
2
0x1
B
SLR
STP3_VGS_DIS
0: Shoot-through protection on FET Vgs enabled
(Default)
1: Shoot-through protection on FET Vgs disabled
RW
13
1
0x0
B
STP2_VGS_DIS
RW
12
1
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 112/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com