Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDWR Datasheet(PDF) 14 Page - Texas Instruments

Part # ISO7740FDWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7740FDWR Datasheet HTML 10Page - Texas Instruments ISO7740FDWR Datasheet HTML 11Page - Texas Instruments ISO7740FDWR Datasheet HTML 12Page - Texas Instruments ISO7740FDWR Datasheet HTML 13Page - Texas Instruments ISO7740FDWR Datasheet HTML 14Page - Texas Instruments ISO7740FDWR Datasheet HTML 15Page - Texas Instruments ISO7740FDWR Datasheet HTML 16Page - Texas Instruments ISO7740FDWR Datasheet HTML 17Page - Texas Instruments ISO7740FDWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
5.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7740
Supply current - Disable
EN2 = 0 V; VI = VCC1 (1)(ISO7740);
VI = 0 V (ISO7740 with F suffix)
ICC1
1.2
2.3
mA
ICC2
0.3
0.8
EN2 = 0 V; VI = 0 V (1)(ISO7740);
VI = VCC1 (ISO7740 with F suffix)
ICC1
5.5
7.8
ICC2
0.3
0.8
Supply current - DC signal
EN2 = VCC2;; VI = VCC1 (1)(ISO7740);
VI = 0 V (ISO7740 with F suffix)
ICC1
1.2
2.3
ICC2
2
3.6
EN2 = VCC2; VI = 0 V (ISO7740);
VI = VCC1 (ISO7740 with F suffix)
ICC1
5.5
7.8
ICC2
2.2
3.9
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
3.3
4.7
ICC2
2.3
4
10 Mbps
ICC1
3.4
4.9
ICC2
4.2
6.4
100 Mbps
ICC1
3.8
6.6
ICC2
22.7
29.5
ISO7741
Supply current - Disable
EN1 = EN2 = 0 V; VI = VCCI (ISO7741);
VI = 0 V (ISO7741 with F suffix)
ICC1
1
2.2
mA
ICC2
0.8
1.6
EN1 = EN2 = 0 V; VI = 0 V (ISO7741);
VI = VCCI (ISO7741 with F suffix)
ICC1
4.3
6.3
ICC2
1.8
2.8
Supply current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (1)(ISO7741);
VI = 0 V (ISO7741 with F suffix)
ICC1
1.5
2.9
ICC2
2
3.7
EN1 = EN2 = VCCI; VI = 0 V (ISO7741);
VI = VCCI (ISO7741 with F suffix)
ICC1
4.8
6.8
ICC2
3.2
5.2
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
3.2
4.8
ICC2
2.8
4.6
10 Mbps
ICC1
3.7
5.5
ICC2
4.2
6.4
100 Mbps
ICC1
8.6
12.5
ICC2
18
24
ISO7742
Supply current - Disable
EN1 = EN2 = 0 V; VI = VCCI (1)(ISO7742);
VI = 0 V (ISO7742 with F suffix)
ICC1 , ICC2
0.9
2
mA
EN1 = EN2 = 0 V; VI = 0 V (1)(ISO7742);
VI = VCCI (ISO7742 with F suffix)
ICC1 , ICC2
3
4.6
Supply current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (1)(ISO7742);
VI = 0 V (ISO7742 with F suffix)
ICC1 , ICC2
1.7
3.5
EN1 = EN2 = VCCI; VI = 0 V (ISO7742);
VI = VCCI (ISO7742 with F suffix)
ICC1 , ICC2
4
6
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
3
4.9
10 Mbps
ICC1, ICC2
4
6
100 Mbps
ICC1, ICC2
13.4
18.3
(1)
VCCI = Input-side VCC
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com