Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDWR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7740FDWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7740FDWR Datasheet HTML 18Page - Texas Instruments ISO7740FDWR Datasheet HTML 19Page - Texas Instruments ISO7740FDWR Datasheet HTML 20Page - Texas Instruments ISO7740FDWR Datasheet HTML 21Page - Texas Instruments ISO7740FDWR Datasheet HTML 22Page - Texas Instruments ISO7740FDWR Datasheet HTML 23Page - Texas Instruments ISO7740FDWR Datasheet HTML 24Page - Texas Instruments ISO7740FDWR Datasheet HTML 25Page - Texas Instruments ISO7740FDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
5.18 Insulation Characteristics Curves
Ambient Temperature (qC)
0
50
100
150
200
0
100
200
300
400
500
600
D001
VCC1 = VCC2 = 2.75 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
Figure 5-1. Thermal Derating Curve for Safety
Limiting Current for DW-16 Package
Ambient Temperature (qC)
0
50
100
150
200
0
50
100
150
200
250
300
350
400
450
D002
VCC1 = VCC2 = 2.75 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
Figure 5-2. Thermal Derating Curve for Safety
Limiting Current for DBQ-16 Package
Ambient Temperature (qC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
1600
D003
Figure 5-3. Thermal Derating Curve for Safety
Limiting Power for DW-16 Package
Ambient Temperature (qC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
D004
Figure 5-4. Thermal Derating Curve for Safety
Limiting Power for DBQ-16 Package
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com