Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDWR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7740FDWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7740FDWR Datasheet HTML 8Page - Texas Instruments ISO7740FDWR Datasheet HTML 9Page - Texas Instruments ISO7740FDWR Datasheet HTML 10Page - Texas Instruments ISO7740FDWR Datasheet HTML 11Page - Texas Instruments ISO7740FDWR Datasheet HTML 12Page - Texas Instruments ISO7740FDWR Datasheet HTML 13Page - Texas Instruments ISO7740FDWR Datasheet HTML 14Page - Texas Instruments ISO7740FDWR Datasheet HTML 15Page - Texas Instruments ISO7740FDWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
5.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =83.4°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
273
mA
RθJA = 83.4°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
416
RθJA = 83.4°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
545
PS
Safety input, output, or total power
RθJA = 83.4°C/W, TJ = 150°C, TA = 25°C,
see Figure 5-3
1499
mW
TS
Maximum safety temperature
150
°C
DBQ-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =109°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
209
mA
RθJA = 109°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
319
RθJA = 109°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
417
PS
Safety input, output, or total power
RθJA = 109°C/W, TJ = 150°C, TA = 25°C,
see Figure 5-4
1147
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table above is that of a device installed on a high-K test board for leaded
surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com