Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDWR Datasheet(PDF) 34 Page - Texas Instruments

Part # ISO7740FDWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDWR Datasheet(HTML) 34 Page - Texas Instruments

Back Button ISO7740FDWR Datasheet HTML 30Page - Texas Instruments ISO7740FDWR Datasheet HTML 31Page - Texas Instruments ISO7740FDWR Datasheet HTML 32Page - Texas Instruments ISO7740FDWR Datasheet HTML 33Page - Texas Instruments ISO7740FDWR Datasheet HTML 34Page - Texas Instruments ISO7740FDWR Datasheet HTML 35Page - Texas Instruments ISO7740FDWR Datasheet HTML 36Page - Texas Instruments ISO7740FDWR Datasheet HTML 37Page - Texas Instruments ISO7740FDWR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Oven at 150°C
Time Counter
> 1mA
V
S
Figure 8-6. Test Setup for Insulation Lifetime Measurement
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
200
1200
2200
3200
4200
5200
6200
50 %
Applied Voltage (VRMS)
54 Yrs
36 Yrs
Operating Zone
VDE Safety
Margin Zone
TDDB Line (<1 ppm Fail Rate)
20%
Working Isolation Volatage = 1500 VRMS
up to 150°C
Protected Insulation Lifetime = 36 Years
Applied Voltage Frequency = 60 Hz
Figure 8-7. Insulation Lifetime Projection Data
8.3 Power Supply Recommendations
To help provide reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
at the input and output supply pins (VCC1 and VCC2). The capacitors must be placed as close to the supply
pins as possible. If only a single primary-side power supply is available in an application, isolated power can
be generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501
or SN6505A . For such applications, detailed power supply design and transformer selection recommendations
are available in SN6501 Transformer Driver for Isolated Power Supplies data sheet or SN6505A Low-Noise 1-A
Transformer Drivers for Isolated Power Supplies data sheet .
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com