Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 57 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 53Page - STMicroelectronics VNF9Q20F Datasheet HTML 54Page - STMicroelectronics VNF9Q20F Datasheet HTML 55Page - STMicroelectronics VNF9Q20F Datasheet HTML 56Page - STMicroelectronics VNF9Q20F Datasheet HTML 57Page - STMicroelectronics VNF9Q20F Datasheet HTML 58Page - STMicroelectronics VNF9Q20F Datasheet HTML 59Page - STMicroelectronics VNF9Q20F Datasheet HTML 60Page - STMicroelectronics VNF9Q20F Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
•
A conversion of selected channels is done based on the information stored at the end of the stack (see
Figure 25).
•
After the reset of the device or when no channels are active, the conversion of the Frame temperature
sensor is done continuously.
When the conversion of a channel_x has to start, the channel_x is moved to the end of the stack while the other
remaining channels are moved up.
Figure 25. Channel's sequence internal stack
0
1
2
3
4
5
T
0
1
2
4
3
5
T
0
1
2
4
5
T
3
0
1
2
4
T
3
5
0
1
2
4
5
T
3
0
1
2
4
T
3
5
Elaboration of new stack
based on the conversion
request and priority
management
Conv_ch3
NEXT_STACK = STACK
NEXT_STACK = STACK
Channel 6 (Tframe)
is converted
Channel 5 is converted
Bottom position is at
highest Priority
Channel 3 is converted
Conv_ch5
Time
No Conv
Tframe is
Converted
Next Stack
Stack
Next Stack
Stack
Next Stack
Stack
5.1.3
Registers
The results of the digital conversion are stored in the two dedicated registers, used for the digital conversion of
the output current and case sense temperature respectively:
•
ADCxSR (address from 28h to 2Bh) - Digital Outputx current (one register x channel).
•
ADC9SR (address 31h) - Digital case temperature sensor voltage sense register.
Table 38. Registers
Register
name
Bit 15, 14 Bit 13..4
Bit 3
Bit 2
Bit 1
Bit 0
ADCxSR
28h to 2Bh
Reserved
Digital Value of OUTx
current
Reserved
SOCRx
Possibility to
control the Outx
state (Read only)
UPDTSR
Updated status bit. It is set when
value is updated and cleared
when register is read
Parity
ADC9SR
31h
Reserved
Digital Value of case
temperature sensor
voltage
Reserved Reserved
UPDTSR
Updated status bit. It is set when
value is updated and cleared
when register is read
Parity
5.1.4
Synchronous, asynchronous mode
Normal mode
The ADC conversion can work in 4 different sampling modes (stop, start, continuous or filtered) according to the
Table 39. Two bits per channel “SPCR1” and “SPCR0” allocated in the Output Configuration Register
“OUTCFGRx”, allow 4 different sampling modes:
VNF9Q20F
Diagnostic
DS13909 - Rev 8
page 57/111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com