Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 3Page - STMicroelectronics VNF9Q20F Datasheet HTML 4Page - STMicroelectronics VNF9Q20F Datasheet HTML 5Page - STMicroelectronics VNF9Q20F Datasheet HTML 6Page - STMicroelectronics VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics VNF9Q20F Datasheet HTML 10Page - STMicroelectronics VNF9Q20F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
2.2
State diagrams and operating modes
The device and the channel state diagrams are reported in Figure 3 and Figure 4 respectively; whilst the Table 2
shows the description of the operating modes.
Figure 3. Device state diagram
(1) SPI communication only if VDD is present.
Start
Sleep mode
from V
DD
and V
CC
– Outputs: inactive
– SPI: inactive
– Registers: cleared
– Diagnostics: not available
– V
REG
< V
POR
– Low supply current
Pre-standby mode
– Outputs: inactive
– SPI: active
– Registers: read/writeable
– Diagnostics: SPI possible
– Timer 100 μs running
– I²t counters decreasing
Normal mode
– Outputs: according to SPI
register settings and/or DIx
– SPI: active (1)
– Registers: read/writeable
ADC conversion possible
– Diagnostics: SPI and
– Regular toggling of WDTB
necessary within timeout
period tWDTB
Standby mode
– Outputs: inactive
– SPI: inactive
– Registers: frozen
– Diagnostics: not available
from V
DD
and V
CC
– Low supply current
Fail-safe mode
– Outputs: according to DIx,
DIOTPx, OTP_MCUext
– Registers: read/write possible,
cleared if entered after SW reset
– SPI: active (1)
ADC conversion possible only
– Diagnostics: available through SPI (1),
in asynchronous mode
otherwise 0
– Reset bit = 1 if SW reset or POR,
SPI sequences:
1. UNLOCK* = 1 AND EN = 1
2. EN* = 0 AND GOSTBY* = 1
within tWDTB
WDTB toggling
VREG < VREG_POR_L
STDBY_NOT high OR
(CSN low AND V
DD
>V
DD_TH
),
VREG > VREG_POR_H
(CSN low AND VDD > VDD_TH)]
[STDBY_NOT = 1 OR
STDBY_NOT low AND
(CSN high OR V
DD
<V
DD_TH
) AND
Timer 100 μs elapsed
all I²t counters = 0 AND
System startup,
VCC present
(CSN low AND V
DD
>V
DD_TH
)
STDBY_NOT high OR
(CSN high OR V
DD
<V
DD_TH
)
STDBY_NOT low AND
for at least 14 ms
SW reset OR EN* = 0 OR
tWDTB timeout
SPI sequences:
1. UNLOCK* = 1
2. EN* = 1 AND GOSTBY* = 0
VREG < VREG_POR_L
VREG < VREG_POR_L
VREG < VREG_POR_L
AND V
REG
> V
REG_POR_H
As showed in the above figure, the device features five different operating modes:
•
Standby mode
•
Fail-safe mode
•
Pre-standby mode
•
Normal mode
•
Sleep mode
The entering/leaving conditions as well as the operating modes characteristics are described in the Table 2.
VNF9Q20F
Functional description
DS13909 - Rev 8
page 7/111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com