Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 79 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 75Page - STMicroelectronics VNF9Q20F Datasheet HTML 76Page - STMicroelectronics VNF9Q20F Datasheet HTML 77Page - STMicroelectronics VNF9Q20F Datasheet HTML 78Page - STMicroelectronics VNF9Q20F Datasheet HTML 79Page - STMicroelectronics VNF9Q20F Datasheet HTML 80Page - STMicroelectronics VNF9Q20F Datasheet HTML 81Page - STMicroelectronics VNF9Q20F Datasheet HTML 82Page - STMicroelectronics VNF9Q20F Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDI0,1_CL
VDI0,1 clamp voltage
IIN = -1 mA
-0.7
V
VSTDBY_NOT
VSTDBY_NOT clamping voltage
IIN = 3 mA
9
15
V
IIN = -1 mA
-0.7
V
Table 54. Digital timings
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tSTDBY
Pre-standby mode counter
-
-
100
-
µs
tPRESTDBY
Timing needed to enter
Pre-standby from fail-safe
-
-
14
-
ms
tFILTER_OL
Filtering time before channel off and latched in overload
-
-
4
-
µs
tD_RESTART Restart delay time after thermal shutdown event
-
-
50
-
ms
Table 55. Protection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
∆TPLIM
Junction-case temperature
difference triggering power limitation
protection
VCC = 16 V
65
°C
∆TPLIM
Junction-case temperature
difference triggering power limitation
protection
VCC = 19 V
41
°C
∆TPLIMR
Junction-case temperature
difference resetting power limitation
protection
VCC = 16 V
62
°C
∆TPLIMR
Junction-case temperature
difference resetting power limitation
protection
VCC = 19 V
39
°C
TTSD
Shutdown temperature
VCC = 13 V
150
175
210
°C
Shutdown temperature (VCC
decreasing)(1)
VCC = 2.7 V
140
°C
Shutdown temperature during
cranking (VCC decreasing)(1)
VCC = 3.2 V
140
°C
TR(1)
Reset temperature
VCC = 13 V, latched off mode
disabled
TRS + 1
TRS + 5
°C
TRS(1)
Thermal reset of OTFLTR fault
detection
VCC = 13 V, latched off mode
disabled
135
°C
THYST(1)
Thermal hysteresis (TTSD - TR)
VCC = 13 V, latched off mode
disabled
10
°C
TCSD0,1,2,3(1) Case thermal detection pre-warning VCC = 13 V
TCSD
nom – 10
TCSD nom
TCSD
nom +
10
°C
TCR(1)
Case thermal detection reset
VCC = 13 V
TCSD nom
- 10
°C
VDS_OVL
VDS overload detection threshold
VCC - 2
VCC - 1.5
VCC - 1
V
VDS_OVL_HYST
VDS overload detection threshold
Hysteresis
0.2
V
tBlanking
Programmable blanking time
14.4
264
ms
VNF9Q20F
Electrical specifications
DS13909 - Rev 8
page 79/111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com