Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 29 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 25Page - STMicroelectronics VNF9Q20F Datasheet HTML 26Page - STMicroelectronics VNF9Q20F Datasheet HTML 27Page - STMicroelectronics VNF9Q20F Datasheet HTML 28Page - STMicroelectronics VNF9Q20F Datasheet HTML 29Page - STMicroelectronics VNF9Q20F Datasheet HTML 30Page - STMicroelectronics VNF9Q20F Datasheet HTML 31Page - STMicroelectronics VNF9Q20F Datasheet HTML 32Page - STMicroelectronics VNF9Q20F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
Address
Name
Access
Content
Access type
Reset value
18h
FSITCR3
Read/Write Fail-safe and I²t settings for channel 3
Init
0x0200
Not used area
STATUS REGISTERS
20h
OUTSR0
Read/Clear Output status register Channel 0
rare
0x0000
21h
OUTSR1
Read/Clear Output status register Channel 1
rare
0x0000
22h
OUTSR2
Read/Clear Output status register Channel 2
rare
0x0000
23h
OUTSR1
Read/Clear Output status register Channel 3
rare
0x0000
Not used area
28h
ADC0SR
Read
Digital current sense Channel 0
continuous
0x0000
29h
ADC1SR
Read
Digital current sense Channel 1
continuous
0x0000
2Ah
ADC2SR
Read
Digital current sense Channel 2
continuous
0x0000
2Bh
ADC3SR
Read
Digital current sense channel 3
continuous
0x0000
Not used area
31h
ADC9SR
Read
Digital frame temperature sense
continuous
0x0000
32h
ADCLSR
Read/Clear Digital current for self-test (Low Level)
Init
0x0000
33h
ADCMSR
Read/Clear Digital Current for self-test (Medium Level)
Init
0x0000
34h
ADCHSR
Read/Clear Digital Current for self-test (High Level)
Init
0x0000
35h
ITCNTSR
Read
I²t counter status
rare
0x0000
36h
ITSTSR
Read/Clear I²t self-test
Init
0x0000
Not used area
3Dh
TESTCFGR
Read/Write Test configuration register
rare
0x0000
3Eh
TESTDATAR
Read/Write Test data register
rare
0x0000
Note:
Any command (write, read, or read and clear status) executed on a “not used” RAM register, that is, a not
assigned address, does not have any effect: there is no change in the global status byte (no communication
error, no error flag). The data written to this address is ignored. The data read from this address contains 00,
independently of what has been written previously to this address.
A write command on “don’t care” bits of an assigned RAM register address does not have any effect: There is no
change on the global status byte. The data written to the “don’t care bits” is ignored. The content of the “don’t
care bits” remains at “0” independently of the data written to these bits.
4.3.3
ROM
This memory is used for device identification.
Table 26. ROM memory map
Address
Name
Description
Access
Content
00h
Company code
STMicroelectronics company code
Read only
00H
01h
Device family
Product family (STi²Fuse) code
Read only
03H
02h
Product code 1
First product letter code (X)
Read only
58H
03h
Product code 2
Second product letter code (V)
Read only
56H
04h
Product code 3
Third product letter code (1)
Read only
1H
05h
Product code 4
Fourth product letter code (F)
Read only
46H
0Ah
Version
Silicon version
Read only
01H
Not used area
VNF9Q20F
SPI functional description
DS13909 - Rev 8
page 29/111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com