Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60L7 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 56Page - STMicroelectronics SPC563M60L7 Datasheet HTML 57Page - STMicroelectronics SPC563M60L7 Datasheet HTML 58Page - STMicroelectronics SPC563M60L7 Datasheet HTML 59Page - STMicroelectronics SPC563M60L7 Datasheet HTML 60Page - STMicroelectronics SPC563M60L7 Datasheet HTML 61Page - STMicroelectronics SPC563M60L7 Datasheet HTML 62Page - STMicroelectronics SPC563M60L7 Datasheet HTML 63Page - STMicroelectronics SPC563M60L7 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
VDDA1
Analog Power Input for
eQADC
—
—
I
VDDA
I / –
—
—
—
VSSA1
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
—
—
VSSA(32)
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
7
7
VDDREG
Voltage Regulator Supply
—
—
I
VDDREG
(5.0 V)
I / –
—
10
10
VDD
Internal Logic Supply Input
—
—
I
VDD (1.2 V)
I / –
—
26, 53,
86,
120
33, 62,
103,
149
VSS
Ground
—
—
–
VSS0
I / –
—
22, 36,
48, 59,
73, 79,
91,
104,
115
15, 29,
43, 57,
72, 90,
96,
108,
115,
127,
133,
140
VDDEH1A(33)
VDDEH1B(33)
I/O Supply Input
—
—
I
VDDEH1(34)
(3.3V – 5.0V)
I / –
—
24, 34,
46
31, 41
55
VDDEH6a(35),(36)
VDDEH6b(36)
I/O Supply Input
—
—
I
VDDEH6
(3.3V – 5.0V)
I / –
—
78, 93,
61
95,
110,
74
VDDEH6
I/O Supply Input
—
—
I
VDDEH6
I / –
—
—
—
VDDEH7
I/O Supply Input
—
—
I
VDDEH7(37)
(3.3V – 5.0V)
I / –
—
102,
113
125,
138
1.
For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary function or
GPIO is done in the SIU except where explicitly noted.
Table 4. SPC563Mx signal properties (continued)
Name
Function(1)
Pad
Config.
Register
(PCR)(2)
PCR PA
Field(3)
I/O
Type
Voltage(4) /
Pad Type
Reset
State(5)
Function / State
After Reset(6)
Pin No.
LQFP
144
LQFP
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com