Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60L7 Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 81Page - STMicroelectronics SPC563M60L7 Datasheet HTML 82Page - STMicroelectronics SPC563M60L7 Datasheet HTML 83Page - STMicroelectronics SPC563M60L7 Datasheet HTML 84Page - STMicroelectronics SPC563M60L7 Datasheet HTML 85Page - STMicroelectronics SPC563M60L7 Datasheet HTML 86Page - STMicroelectronics SPC563M60L7 Datasheet HTML 87Page - STMicroelectronics SPC563M60L7 Datasheet HTML 88Page - STMicroelectronics SPC563M60L7 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
DocID14642 Rev 12
85/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
IACT_MV_PD
CC
C Multivoltage pad weak
pulldown current
VDDEH=
3.0–3.6 V(8),
pad_multv_hv,
all process
corners,
high swing
mode only
10
—
60
A
P
4.75 V – 5.25 V
25
—
200
IINACT_D
CC
P
I/O input leakage
current(22)
—
–2.5
—
2.5
A
IIC
CC
T
DC injection current
(per pin)
—
–1.0
—
1.0
mA
IINACT_A
CC
P
Analog input current,
channel off, AN[0:7],
AN38, AN39(23)
—
–250
—
250
nA
P
Analog input current,
channel off, all other
analog pins (ANx)(23)
—
–150
—
150
CL
CC
D
Load capacitance (fast
I/O)(24)
DSC(PCR[8:9])
= 0b00
——
10
pF
D
DSC(PCR[8:9])
= 0b01
——
20
D
DSC(PCR[8:9])
= 0b10
——
30
D
DSC(PCR[8:9])
= 0b11
——
50
CIN
CC
D
Input capacitance
(digital pins)
——
—
7
pF
CIN_A
CC
D
Input capacitance
(analog pins)
——
—
10
pF
CIN_M
CC
D
Input capacitance
(digital and analog
pins(25))
——
—
12
pF
RPUPD200K
CC
P
Weak Pull-Up/Down
Resistance(26),(27)
200 k
 Option
—
130
—
280
k
RPUPDMATCH
CC
C 200K
 Option
–2.5
2.5
%
RPUPD100K
CC
P
Weak Pull-Up/Down
Resistance(26),(27)
100 k
 Option
—
65
—
140
k
RPUPDMATCH
CC
C 100K
 Option
–2.5
2.5
%
Table 23. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com