Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60L7 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 22Page - STMicroelectronics SPC563M60L7 Datasheet HTML 23Page - STMicroelectronics SPC563M60L7 Datasheet HTML 24Page - STMicroelectronics SPC563M60L7 Datasheet HTML 25Page - STMicroelectronics SPC563M60L7 Datasheet HTML 26Page - STMicroelectronics SPC563M60L7 Datasheet HTML 27Page - STMicroelectronics SPC563M60L7 Datasheet HTML 28Page - STMicroelectronics SPC563M60L7 Datasheet HTML 29Page - STMicroelectronics SPC563M60L7 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
26/128
DocID14642 Rev 12
Shadow information stored in non-volatile shadow block
Independent program/erase of the shadow block
2.3.10
SRAM
The SPC563Mxx SRAM module provides a general-purpose up to 94 KB memory block.
The SRAM controller includes these features:
Supports read/write accesses mapped to the SRAM memory from any master
32 KB block powered by separate supply for standby operation
Byte, halfword, word and double word addressable
ECC performs single-bit correction, double-bit detection on 32-bit data element
2.3.11
BAM
The BAM (Boot Assist Module) is a block of read-only memory that is programmed once by
ST and is identical for all SPC563Mxx MCUs. The BAM program is executed every time the
MCU is powered-on or reset in normal mode. The BAM supports different modes of booting.
They are:
Booting from internal flash memory
Serial boot loading (A program is downloaded into RAM via eSCI or the FlexCAN and
then executed)
Booting from external memory on calibration bus
The BAM also reads the reset configuration half word (RCHW) from internal flash memory
and configures the SPC563Mxx hardware accordingly. The BAM provides the following
features:
Sets up MMU to cover all resources and mapping all physical address to logical
addresses with minimum address translation
Sets up the MMU to allow user boot code to execute as either Power Architecture code
(default) or as VLE code
Detection of user boot code
Automatic switch to serial boot mode if internal flash is blank or invalid
Supports user programmable 64-bit password protection for serial boot mode
Supports serial bootloading via FlexCAN bus and eSCI using fixed baudrate protocol
Supports serial bootloading via FlexCAN bus and eSCI with auto baud rate sensing
Supports serial bootloading of either Power Architecture code (default) or VLE code
Supports booting from calibration bus interface
Supports censorship protection for internal flash memory
Provides an option to enable the core watchdog timer
Provides an option to disable the software watchdog timer
2.3.12
eMIOS
The eMIOS (Enhanced Modular Input Output System) module provides the functionality to
generate or measuretime events. The channels on this module provide a range of operating
modes including the capability to perform dual input capture or dual output compare as well
as PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com